データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLW5BTM101TQ2 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd.

部品番号 DLW5BTM101TQ2
部品情報  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTM101TQ2 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DLW5BTM101TQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BTM101TQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW5BTM101TQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
DLW5BTM101TQ2#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
5050
Size Code (in inch)
2020
Length
5.0mm
Length Tolerance
±0.3mm
Width
5.0mm
Width Tolerance
±0.3mm
Thickness
2.35mm
Thickness Tolerance
±0.15mm
Common Mode Impedance (at
100MHz)
100Ω
Common Mode Impedance (at
100MHz) Tolerance
(Typ.)
Rated Current
6.0A
Rated Voltage
50Vdc
Withstanding Voltage
125Vdc
DC Resistance(max.)
0.013Ω
DC Resistance
0.013Ω max.
Insulation Resistance(min.)
10MΩ
Operating Temperature Range
-
40
to
105
Mass(typ.)
0.21g
Number of Circuit
1
Operating Temperature Range(Self-
temperature rise is included)
No
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/03


同様の部品番号 - DLW5BTM101TQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
DLW5BTM101TQ2 MURATA1-DLW5BTM101TQ2 Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2B MURATA1-DLW5BTM101TQ2B Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2K MURATA1-DLW5BTM101TQ2K Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2L MURATA1-DLW5BTM101TQ2L Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM101TQ2 MURATA1-DLW5BTM101TQ2_V01 Datasheet
426Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
More results

同様の説明 - DLW5BTM101TQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com