データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLW5BTM102TQ2 データシート(PDF) 1 Page - Murata Manufacturing Co., Ltd.

部品番号 DLW5BTM102TQ2
部品情報  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTM102TQ2 データシート(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW5BTM102TQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BTM102TQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW5BTM102TQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLW5BTM102TQ2#
“#” indicates a package specification code.
< List of part numbers with package codes >
DLW5BTM102TQ2L DLW5BTM102TQ2B DLW5BTM102TQ2K
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
100
K
330mm Embossed Tape
2500
L
180mm Embossed Tape
700
Features
Features
1. Low profile (h=2.5mm)
2. Small size (5.0x5.0mm) and high rated current
(2 to 6A)
3. High common mode Impedance
(max. 1400 ohm, at 100MHz)
4 Operating Temperature
Range -
40
to
+105
Applications
Noise suppression for power line
1. Power line equipment
-DC-DC converters
-Battery chargers
2. Portable equipment
-PDAs (Personal Digital Assistants)
-Note PCs
-Printers
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/03


同様の部品番号 - DLW5BTM102TQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
DLW5BTM102TQ2 MURATA1-DLW5BTM102TQ2 Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM102TQ2B MURATA1-DLW5BTM102TQ2B Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM102TQ2K MURATA1-DLW5BTM102TQ2K Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM102TQ2L MURATA1-DLW5BTM102TQ2L Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM102TQ2 MURATA1-DLW5BTM102TQ2_V01 Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
More results

同様の説明 - DLW5BTM102TQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com