データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12L458 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM12L458
部品情報  12-Bit Sign Data Acquisition System with Self-Calibration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM12L458 データシート(HTML) 8 Page - Texas Instruments

Back Button LM12L458_16 Datasheet HTML 4Page - Texas Instruments LM12L458_16 Datasheet HTML 5Page - Texas Instruments LM12L458_16 Datasheet HTML 6Page - Texas Instruments LM12L458_16 Datasheet HTML 7Page - Texas Instruments LM12L458_16 Datasheet HTML 8Page - Texas Instruments LM12L458_16 Datasheet HTML 9Page - Texas Instruments LM12L458_16 Datasheet HTML 10Page - Texas Instruments LM12L458_16 Datasheet HTML 11Page - Texas Instruments LM12L458_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LM12L458
SNAS085B – JULY 1999 – REVISED MARCH 2013
www.ti.com
Digital Timing Characteristics (continued)
The following specifications apply for VA+ = VD+ = +3.3V, tr = tf = 3 ns, and CL = 100 pF on data I/O, INT and DMARQ lines
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)(2)(3)
Symbol (See
Figure 28 Figure 29
Parameter
Conditions
Typical(4)
Limits(5)
Units
Figure 30)
14
Data Valid to WR High Set-Up Time
40
ns (min)
15
Data Valid to WR High Hold Time
30
ns (min)
ns (min)
10
16
RD Low to Data Bus Out of TRI-STATE
30
70
ns (max)
ns (min)
10
17
RD High to TRI-STATE
RL = 1 kΩ
30
110
ns (max)
ns (min)
10
18
RD Low to Data Valid (Access Time)
30
95
ns (max)
20
Address Valid or CS Low to RD Low
20
ns (min)
21
Address Valid or CS Low to WR Low
20
ns (min)
19
Address Invalid from RD or WR High
10
ns (min)
ns (min)
10
22
INT High from RD Low
30
60
ns (max)
ns (min)
10
23
DMARQ Low from RD Low
30
60
ns (max)
Figure 3.
Test Circuits and Waveforms
Figure 4. TRI-STATE Test Circuits and Waveforms
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM12L458


同様の部品番号 - LM12L458_16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12L458_16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com