データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM118JAN データシート(PDF) 6 Page - Texas Instruments

部品番号 LM118JAN
部品情報  Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM118JAN データシート(HTML) 6 Page - Texas Instruments

Back Button LM118JAN_13 Datasheet HTML 2Page - Texas Instruments LM118JAN_13 Datasheet HTML 3Page - Texas Instruments LM118JAN_13 Datasheet HTML 4Page - Texas Instruments LM118JAN_13 Datasheet HTML 5Page - Texas Instruments LM118JAN_13 Datasheet HTML 6Page - Texas Instruments LM118JAN_13 Datasheet HTML 7Page - Texas Instruments LM118JAN_13 Datasheet HTML 8Page - Texas Instruments LM118JAN_13 Datasheet HTML 9Page - Texas Instruments LM118JAN_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LM118JAN
SNOSAM8A – JULY 2005 – REVISED MARCH 2013
www.ti.com
LM118JAN Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
VCC = ±20V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
+PSRR
Power Supply Rejection Ratio
+VCC = 10V, -VCC = -20V
-100
100
µV/V
1
-150
150
µV/V
2, 3
-PSRR
Power Supply Rejection Ratio
+VCC = 20V, -VCC = -10V
-100
100
µV/V
1
-150
150
µV/V
2, 3
CMRR
Common Mode Rejection Ratio
VCM = ±15V,
80
dB
1, 2, 3
VCC = ± 35V to ±5V
+VIO adj.
Offset Null
7.0
mV
1, 2, 3
-VIO adj.
Offset Null
-7.0
mV
1, 2, 3
Delta VIO /
Temperature Coefficient of Input
25°C
≤ TA ≤ 125°C
See(2)
-50
50
µV/°C
2
Delta T
Offset Voltage
-55°C
≤ TA ≤ 25°C
See(2)
-50
50
µV/°C
3
Delta IIO /
Temperature Coefficient of Input
25°C
≤ TA ≤ 125°C
-
See(2)
1000
pA/°C
2
Delta T
Offset Current
1000
-55°C
≤ TA ≤ 25°C
-
See(2)
1000
pA/°C
3
1000
+IOS
Short Circuit Current
+VCC = 15V, -VCC = -15V,
-65
mA
1, 2, 3
t
≤ 25mS, VCM = -15V
-IOS
Short Circuit Current
+VCC = 15V, -VCC = -15V,
65
mA
1, 2
t
≤ 25mS, VCM = 15V
80
mA
3
ICC
Power Supply Current
+VCC = 15V, -VCC = -15V
8.0
mA
1
7.0
mA
2
9.0
mA
3
+VOpp
Output Voltage Swing
RL = 10KΩ, VCM = -20V
17
V
4, 5, 6
RL = 2KΩ, VCM = -20V
16
V
4, 5, 6
-VOpp
Output Voltage Swing
RL = 10KΩ, VCM = 20V
-17
V
4, 5, 6
RL = 2KΩ, VCM = 20V
-16
V
4, 5, 6
+AVS
Open Loop Voltage Gain
VO = 15V, RL = 2KΩ
See(3)
50
V/mV
4
See(3)
32
V/mV
5, 6
VO = 15V, RL = 10KΩ
See(3)
50
V/mV
4
See(3)
32
V/mV
5, 6
-AVS
Open Loop Voltage Gain
VO = -15V, RL = 2KΩ
See(3)
50
V/mV
4
See(3)
32
V/mV
5, 6
VO = -15V, RL = 10KΩ
See(3)
50
V/mV
4
See(3)
32
V/mV
5, 6
AVS
Open Loop Voltage Gain
±VCC = ±5V, VO = ±2V,
See(3)
10
V/mV
4, 5, 6
RL = 2KΩ
±VCC = ±5V, VO = ±2V,
See(3)
10
V/mV
4, 5, 6
RL = 10KΩ
(2)
Calculated parameter.
(3)
Datalog in K = V/mV
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM118JAN


同様の部品番号 - LM118JAN_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM118JAN TI-LM118JAN_V01 Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
More results

同様の説明 - LM118JAN_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com