データシートサーチシステム |
|
LM119QML データシート(PDF) 6 Page - Texas Instruments |
|
|
LM119QML データシート(HTML) 6 Page - Texas Instruments |
6 / 25 page LM119QML SNOSAN3B – JULY 2008 – REVISED MARCH 2013 www.ti.com LM119-SMD Electrical Characteristics SMD 8601401 DC Parameters The following conditions apply, unless otherwise specified. VCM = 0V Sub- Symbol Parameter Conditions Notes Min Max Units groups +ICC Positive Supply Current ±VCC = ±15V, VO = Low 11 mA 1 V+ = 5.6V thru 1.4K Ω 11.5 mA 2, 3 -ICC Negative Supply Current ±VCC = ±15V, VO = Low -4.2 mA 1 V+ = 5.6V thru 1.4K Ω -4.5 mA 2 -6.0 mA 3 ILeak Output Leakage Current +V CC = 15V, -V CC = -1V, (1) 1.8 µA 1 VGnd = 0V, VO = 35V (1) 10 µA 2, 3 IIB Input Bias Current ±VCC = ±15V 0.47 µA 1 5 0.95 µA 2, 3 +V CC = 5V (2) 0.47 µA 1 5 (2) .95 µA 2, 3 VIO Input Offset Voltage +V CC = 5V, VCM = 1V, RS ≤ 5KΩ (2) -3.8 3.8 mV 1 (2) -6.8 6.8 mV 2, 3 +V CC = 5V, VCM = 3V, (2) -3.8 3.8 mV 1 RS ≤ 5KΩ (2) -6.8 6.8 mV 2, 3 ±VCC = ±15V, VCM = 12V, -3.8 3.8 mV 1 RS ≤ 5KΩ -6.8 6.8 mV 2, 3 ±VCC = ±15V, VCM = -12V, -3.8 3.8 mV 1 RS ≤ 5KΩ -6.8 6.8 mV 2, 3 IIO Input Offset Current +V CC = 5V, VCM = 1V (2) -75 75 nA 1 (2) -100 100 nA 2, 3 +V CC = 5V, VCM = 3V (2) -75 75 nA 1 (2) -100 100 nA 2, 3 ±VCC = ±15V, VCM = 12V -75 75 nA 1 -100 100 nA 2, 3 ±VCC = ±15V, VCM = -12V -75 75 nA 1 -100 100 nA 2, 3 VI Input Voltage Range +V CC = 5V (2), (3) 1.0 3.0 V 1, 2, 3 ±VCC = ±15V (3) -12 12 V 1, 2, 3 VSat Output Saturation Voltage ±VCC = ±15V, IO = 25mA, (1) 1.5 V 1, 2, 3 VI ≤ -5mV +V CC = 3.5V, -V CC = -1V, 0.4 V 1, 2 VI ≤ -6mV, IO ≤ 3.2mA 0.6 V 3 AV Voltage Gain ±VCC = ±15V, Delta VO = 12V, (4) 10.5 K 4 RL = 1.4KΩ (4) 10 K 5, 6 +V CC = 5V, -V CC = 0V, (2), (4) 8.0 K 4 Delta VO = 4.5V, RL = 1.4KΩ (2), (4) 5.0 K 5 (2), (4) 5.8 K 6 CMRR Common Mode Rejection Ratio ±VCC = ±15V, VCM = ±12V 80 dB 4 (1) VI ≥ 8mV at extremes for ILeak and VI ≤ −8mV at extremes for VSat (VI to exceed VOS. (2) 5V differential across +VCC and −VCC. (3) Parameter ensured by VIO and IIO tests. (4) K = V/mV. 6 Submit Documentation Feedback Copyright © 2008–2013, Texas Instruments Incorporated Product Folder Links: LM119QML |
同様の部品番号 - LM119QML |
|
同様の説明 - LM119QML |