データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM118JAN-SP データシート(PDF) 1 Page - Texas Instruments

部品番号 LM118JAN-SP
部品情報  Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM118JAN-SP データシート(HTML) 1 Page - Texas Instruments

  LM118JAN-SP Datasheet HTML 1Page - Texas Instruments LM118JAN-SP Datasheet HTML 2Page - Texas Instruments LM118JAN-SP Datasheet HTML 3Page - Texas Instruments LM118JAN-SP Datasheet HTML 4Page - Texas Instruments LM118JAN-SP Datasheet HTML 5Page - Texas Instruments LM118JAN-SP Datasheet HTML 6Page - Texas Instruments LM118JAN-SP Datasheet HTML 7Page - Texas Instruments LM118JAN-SP Datasheet HTML 8Page - Texas Instruments LM118JAN-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM118JAN
www.ti.com
SNOSAM8A – JULY 2005 – REVISED MARCH 2013
LM118JAN Operational Amplifier
Check for Samples: LM118JAN
1
FEATURES
DESCRIPTION
The LM118 is a precision high speed operational
2
15 MHz Small Signal Bandwidth
amplifier designed for applications requiring wide
Ensured 50V/
μs Slew Rate
bandwidth and high slew rate. It features a factor of
Maximum Bias Current of 250 nA
ten increase in speed over general purpose devices
without sacrificing DC performance.
Operates from Supplies of ±5V to ±20V
Internal Frequency Compensation
The
LM118
has
internal
unity
gain
frequency
compensation.
This
considerably
simplifies
its
Input and Output Overload Protected
application
since
no
external
components
are
Pin Compatible with General Purpose Op
necessary
for
operation.
However,
unlike
most
Amps
internally compensated amplifiers, external frequency
compensation
may
be
added
for
optimum
performance. For inverting applications, feed forward
compensation will boost the slew rate to over
150V/
μs
and
almost
double
the
bandwidth.
Overcompensation can be used with the amplifier for
greater stability when maximum bandwidth is not
needed. Further, a single capacitor can be added to
reduce the 0.1% settling time to under 1
μs.
The high speed and fast settling time of this op amp
makes it useful in A/D converters, oscillators, active
filters, sample and hold circuits, or general purpose
amplifiers. This device is easy to apply and offers an
order of magnitude better AC performance than
industry standards such as the LM709.
Fast Voltage Follower
Do not hard-wire as voltage follower (R1
≥ 5 kΩ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM118JAN-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM118JAN TI1-LM118JAN Datasheet
915Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
LM118JAN TI-LM118JAN Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
LM118JAN TI-LM118JAN_V01 Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
More results

同様の説明 - LM118JAN-SP

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com