データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124AQML データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124AQML
部品情報  Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124AQML データシート(HTML) 4 Page - Texas Instruments

  LM124AQML Datasheet HTML 1Page - Texas Instruments LM124AQML Datasheet HTML 2Page - Texas Instruments LM124AQML Datasheet HTML 3Page - Texas Instruments LM124AQML Datasheet HTML 4Page - Texas Instruments LM124AQML Datasheet HTML 5Page - Texas Instruments LM124AQML Datasheet HTML 6Page - Texas Instruments LM124AQML Datasheet HTML 7Page - Texas Instruments LM124AQML Datasheet HTML 8Page - Texas Instruments LM124AQML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM124AQML, LM124QML
SNOSAE0K – AUGUST 2004 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
32Vdc or ±16Vdc
Supply Voltage, V+
Differential Input Voltage
32Vdc
Input Voltage
−0.3Vdc to +32Vdc
Input Current
(VIN < −0.3Vdc)
(2)
50 mA
Power Dissipation (3)
CDIP
1260mW
CLGA
700mW
LCCC
1350mW
CLGA
700mW
Output Short-Circuit to GND
(One Amplifier) (4)
Continuous
V+
≤ 15Vdc and TA = 25°C
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 10 seconds)
260°C
Thermal Resistance ThetaJA
CDIP (Still Air)
103°C/W
(500LF/Min Air flow)
51°C/W
CLGA (Still Air)
176°C/W
(500LF/Min Air flow)
116°C/W
LCCC (Still Air)
91°C/W
(500LF/Min Air flow)
66°C/W
CLGA (Still Air)
176°C/W
(500LF/Min Air flow)
116°C/W
ThetaJC
CDIP
19°C/W
CLGA
18°C/W
LCCC
24°C/W
CLGA
18°C/W
Package Weight (Typical)
CDIP
2200mg
CLGA
460mg
LCCC
470mg
CLGA
410mg
ESD Tolerance (5)
250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to go to
the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3VDC (at
25°C).
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
ThetaJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at
any temperature is PDmax = (TJmax - TA)/ThetaJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(4)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40mA independent of the magnitude of V+. At values of supply voltage in excess of
+15VDC, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can
result from simultaneous shorts on all amplifiers.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM124AQML LM124QML


同様の部品番号 - LM124AQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124AQML TI1-LM124AQML Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AQML TI1-LM124AQML_13 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
More results

同様の説明 - LM124AQML

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com