データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124AQML データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124AQML
部品情報  Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124AQML データシート(HTML) 7 Page - Texas Instruments

Back Button LM124AQML Datasheet HTML 3Page - Texas Instruments LM124AQML Datasheet HTML 4Page - Texas Instruments LM124AQML Datasheet HTML 5Page - Texas Instruments LM124AQML Datasheet HTML 6Page - Texas Instruments LM124AQML Datasheet HTML 7Page - Texas Instruments LM124AQML Datasheet HTML 8Page - Texas Instruments LM124AQML Datasheet HTML 9Page - Texas Instruments LM124AQML Datasheet HTML 10Page - Texas Instruments LM124AQML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM124AQML, LM124QML
www.ti.com
SNOSAE0K – AUGUST 2004 – REVISED MARCH 2013
LM124A/883 Electrical Characteristics SMD: 77043 DC Parameters
(The following conditions apply to all the following parameters, unless otherwise specified.)
All voltages referenced to device ground.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Groups
V+ = 5V
1.2
mA
1, 2, 3
ICC
Power Supply Current
3.0
mA
1
V+ = 30V
4.0
mA
2, 3
V+ = 15V, VOUT = 200mV,
12
uA
1
+VIN = 0mV, -VIN = +65mV
ISINK
Output Sink Current
V+ = 15V, VOUT = 2V,
10
mA
1
+VIN = 0mV, -VIN = +65mV
5
mA
2, 3
V+ = 15V, VOUT = 2V,
-20
mA
1
ISOURCE
Output Source Current
+VIN = 0mV, -VIN = -65mV
-10
mA
2, 3
IOS
Short Circuit Current
V+ = 5V, VOUT = 0V
-60
mA
1
-2
2
mV
1
V+ = 30V, VCM = 0V
-4
4
mV
2, 3
V+ = 30V, VCM = 28.5V
-2
2
mV
1
VIO
Input Offset Voltage
V+ = 30V, VCM = 28V
-4
4
mV
2, 3
-2
2
mV
1
V+ = 5V, VCM = 0V
-4
4
mV
2, 3
Common Mode
70
dB
1
CMRR
V+ = 30V, VIN = 0V to 28.5V
(1)
Rejection Ratio
-50
10
nA
1
±IIB
Input Bias Current
V+ = 5V, VCM = 0V
(2)
-100
10
nA
2, 3
-10
10
nA
1
IIO
Input Offset Current
V+ = 5V, VCM = 0V
-30
30
nA
2, 3
Power Supply
PSRR
V+ = 5V to 30V, VCM = 0V
65
dB
1
Rejection Ratio
Common Mode Voltage
28.5
V
1
(3)
VCM
V+ = 30V
Range
(1)
28
V
2, 3
V+ = 15V, RL = 2K Ω,
50
V/mV
4
AVS
Large Signal Gain
(4)
VO = 1V to 11V
25
V/mV
5, 6
V+ = 30V, RL = 2K Ω
26
V
4, 5, 6
VOH
Output Voltage High
V+ = 30V, RL = 10K Ω
27
V
4, 5, 6
V+ = 30V, RL = 10K Ω
40
mV
4, 5, 6
40
mV
4
VOL
Output Voltage Low
V+ = 30V, ISINK = 1uA
100
mV
5, 6
V+ = 5V, RL = 10K Ω
20
mV
4, 5, 6
Channel Separation
(5)
80
dB
4
1KHz, 20KHz
Amp to Amp Coupling
(6)
(1)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5V (at 25°C), but either or both inputs can go to +32V without damage
independent of the magnitude of V+.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(3)
Specified by VIO tests.
(4)
Datalog reading in K=V/mV
(5)
Ensured, not tested
(6)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM124AQML LM124QML


同様の部品番号 - LM124AQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124AQML TI1-LM124AQML Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AQML TI1-LM124AQML_13 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
More results

同様の説明 - LM124AQML

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com