データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124A データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124A
部品情報  Low Power Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124A データシート(HTML) 7 Page - Texas Instruments

Back Button LM124A Datasheet HTML 3Page - Texas Instruments LM124A Datasheet HTML 4Page - Texas Instruments LM124A Datasheet HTML 5Page - Texas Instruments LM124A Datasheet HTML 6Page - Texas Instruments LM124A Datasheet HTML 7Page - Texas Instruments LM124A Datasheet HTML 8Page - Texas Instruments LM124A Datasheet HTML 9Page - Texas Instruments LM124A Datasheet HTML 10Page - Texas Instruments LM124A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
OBSOLETE
LM124JAN
www.ti.com
SNOSAC4F – MARCH 2004 – REVISED APRIL 2013
LM124 JAN AC ELECTRICAL CHARACTERISTICS
The following conditions apply to all the following parameters, unless otherwise specified.
AC: +VCC = 30V, −VCC = 0V.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB
GROUPS
TRTR
Transient Response: Rise Time
VCC
+ = 30V, V
CC
-= Gnd
1.0
µS
7, 8A, 8B
TROS
Transient Response: Overshoot
VCC
+ = 30V, V
CC
-= Gnd
50
%
7, 8A, 8B
±SR
Slew Rate: Rise/Fall
VCC
+ = 30V, V
CC
-= Gnd
0.1
V/µS
7, 8A, 8B
NIBB
Noise Broadband
VCC
+ = 15V, V
CC
-= -15V,
15
µV/rms
7
BW = 10Hz to 5KHz
NIPC
Noise Popcorn
VCC
+ = 15V, V
CC
-= -15V,
50
µV/pK
7
Rs = 20K
CS
Channel Separation
VCC
+ = 30V, V
CC
-= Gnd,
80
dB
7
VIN = 1V and 16V,
RL = 2KΩ
LM124 JAN DC — DRIFT VALUES
“Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 only”
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB
GROUPS
VIO
Input Offset Voltage
VCC
+ = 30V, V
CC
-= Gnd,
-1.0
1.0
mV
1
VCM = +15V
±IIB
Input Bias Current
VCC
+ = 30V, V
CC
-= Gnd,
-15
15
nA
1
VCM = +15V
LM124A JAN DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB
GROUPS
VIO
Input Offset Voltage
VCC
+ = 30V, V
CC
- = Gnd,
-2.0
2.0
mV
1
VCM = +15V
-4.0
4.0
mV
2, 3
VCC
+ = 2V, V
CC
-= -28V,
-2.0
2.0
mV
1
VCM = −13V
-4.0
4.0
mV
2, 3
VCC
+ = 5V, V
CC
-= Gnd,
-2.0
2.0
mV
1
VCM = +1.4V
-4.0
4.0
mV
2, 3
VCC
+ = 2.5V, V
CC
-= -2.5V, V
CM =−1.1V
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
IIO
Input Offset Current
VCC
+ = 30V, V
CC
-= Gnd,
-10
10
nA
1, 2
VCM = +15V
-30
30
nA
3
VCC
+ = 2V, V
CC
-= -28V,
-10
10
nA
1, 2
VCM = −13V
-30
30
nA
3
VCC
+ = 5V, V
CC
-= Gnd,
-10
10
nA
1, 2
VCM = +1.4V
-30
30
nA
3
VCC
+ = 2.5V, V
CC
-= -2.5V, V
CM = −1.1V
-10
10
nA
1, 2
-30
30
nA
3
±IIB
Input Bias Current
VCC
+ = 30V, V
CC
-= Gnd,
-50
+0.1
nA
1, 2
VCM = +15V
-100
+0.1
nA
3
VCC
+ = 2V, V
CC
- = -28V,
-50
+0.1
nA
1, 2
VCM = −13V
-100
+0.1
nA
3
VCC
+ = 5V, V
CC
-= Gnd,
-50
+0.1
nA
1, 2
VCM = +1.4V
-100
+0.1
nA
3
VCC
+ = 2.5V, V
CC
-= -2.5V, V
CM = −1.1V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM124JAN


同様の部品番号 - LM124A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
Texas Instruments
LM124A TI-LM124A Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124A TI-LM124A Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124A TI-LM124A Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
logo
National Semiconductor ...
LM124A NSC-LM124A Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
More results

同様の説明 - LM124A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com