データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124A データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124A
部品情報  Low Power Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124A データシート(HTML) 1 Page - Texas Instruments

  LM124A Datasheet HTML 1Page - Texas Instruments LM124A Datasheet HTML 2Page - Texas Instruments LM124A Datasheet HTML 3Page - Texas Instruments LM124A Datasheet HTML 4Page - Texas Instruments LM124A Datasheet HTML 5Page - Texas Instruments LM124A Datasheet HTML 6Page - Texas Instruments LM124A Datasheet HTML 7Page - Texas Instruments LM124A Datasheet HTML 8Page - Texas Instruments LM124A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OBSOLETE
LM124JAN
www.ti.com
SNOSAC4F – MARCH 2004 – REVISED APRIL 2013
LM124A/LM124JAN Low Power Quad Operational Amplifiers
Check for Samples: LM124JAN
1
FEATURES
DESCRIPTION
The LM124/124A consists of four independent, high
2
Internally Frequency Compensated for Unity
gain, internally frequency compensated operational
Gain
amplifiers which were designed specifically to operate
Large DC Voltage Gain 100 dB
from a single power supply over a wide range of
Wide Bandwidth (Unity Gain)1 MHz
voltages. Operation from split power supplies is also
possible and the low power supply current drain is
(Temperature Compensated)
independent of the magnitude of the power supply
Wide Power Supply Range:
voltage.
Single Supply 3V to 32V
Application areas include transducer amplifiers, DC
or Dual Supplies ±1.5V to ±16V
gain blocks and all the conventional op amp circuits
Very Low Supply Current Drain (700
which now can be more easily implemented in single
μA)—Essentially Independent of Supply
power supply systems. For example, the LM124/124A
Voltage
can be directly operated off of the standard +5Vdc
power supply voltage which is used in digital systems
Low Input Biasing Current 45 nA (Temperature
and
will
easily
provide
the
required
interface
Compensated)
electronics without requiring the additional +15Vdc
Low Input Offset Voltage 2 mV and Offset
power supplies.
Current: 5 nA
Input Common-Mode Voltage Range Includes
Ground
Differential Input Voltage Range Equal to the
Power Supply Voltage
Large Output Voltage Swing 0V to V+
− 1.5V
UNIQUE CHARACTERISTICS
In the Linear Mode the Input Common-Mode
Voltage Range Includes Ground and the
Output Voltage can also Swing to Ground,
even though Operated from Only a Single
Power Supply Voltage
The Unity Gain Cross Frequency is
Temperature Compensated
The Input Bias Current is also Temperature
Compensated
ADVANTAGES
Eliminates Need for Dual Supplies
Four Internally Compensated Op Amps in a
Single Package
Allows Directly Sensing Near GND and VOUT
also goes to GND
Compatible with all Forms of Logic
Power Drain Suitable for Battery Operation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM124A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
Texas Instruments
LM124A TI-LM124A Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124A TI-LM124A Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124A TI-LM124A Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
logo
National Semiconductor ...
LM124A NSC-LM124A Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
More results

同様の説明 - LM124A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com