データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124JAN-SP データシート(PDF) 6 Page - Texas Instruments

部品番号 LM124JAN-SP
部品情報  Low Power Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124JAN-SP データシート(HTML) 6 Page - Texas Instruments

Back Button LM124JAN-SP Datasheet HTML 2Page - Texas Instruments LM124JAN-SP Datasheet HTML 3Page - Texas Instruments LM124JAN-SP Datasheet HTML 4Page - Texas Instruments LM124JAN-SP Datasheet HTML 5Page - Texas Instruments LM124JAN-SP Datasheet HTML 6Page - Texas Instruments LM124JAN-SP Datasheet HTML 7Page - Texas Instruments LM124JAN-SP Datasheet HTML 8Page - Texas Instruments LM124JAN-SP Datasheet HTML 9Page - Texas Instruments LM124JAN-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
OBSOLETE
LM124JAN
SNOSAC4F – MARCH 2004 – REVISED APRIL 2013
www.ti.com
LM124 JAN DC ELECTRICAL CHARACTERISTICS (continued)
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB
GROUPS
ICC
Power Supply Current
VCC
+ = 30V, V
CC
-= Gnd
3
mA
1, 2
4
mA
3
Delta VIO / Input Offset Voltage Temperature +25°C ≤ TA ≤ +125°C,
-30
30
µV/°C
2
Delta T
Sensitivity
VCC
+ = 5V, V
CC
-= 0V,
VCM = +1.4V
-55°C
≤ TA ≤ +25°C,
-30
30
µV/°C
3
VCC
+ = 5V, V
CC
-= 0V,
VCM = +1.4V
Delta IIO /
Input Offset Current Temperature +25°C
≤ TA ≤ +125°C,
-400
400
pA/°C
2
Delta T
Sensitivity
VCC
+ = 5V, V
CC
-= 0V,
VCM = +1.4V
-55°C
≤ TA ≤ +25°C,
-700
700
pA/°C
3
VCC
+ = 5V, V
CC
-= 0V,
VCM = +1.4V
VOL
Logical "0" Output Voltage
VCC
+ = 30V, V
CC
-= Gnd,
35
mV
4, 5, 6
RL = 10KΩ
VCC
+ = 30V, V
CC
-= Gnd,
1.5
V
4, 5 ,6
IOL = 5mA
VCC
+ = 4.5V, V
CC
- = Gnd,
0.4
V
4, 5, 6
IOL = 2µA
VOH
Logical "1" Output Voltage
VCC
+ = 30V, V
CC
-= Gnd,
27
V
4, 5, 6
IOH = -10mA
VCC
+ = 4.5V, V
CC
-= Gnd,
2.4
V
4, 5
IOH = -10mA
2.3
V
6
AVS
+
Voltage Gain
VCC
+ = 30V, V
CC
-= Gnd,
50
V/mV
4
1V
≤ VO ≤26V,
25
V/mV
5, 6
RL = 10KΩ
VCC
+ = 30V, V
CC
-= Gnd,
50
V/mV
4
5V
≤ VO ≤ 20V,
25
V/mV
5, 6
RL = 2KΩ
AVS
Gain Voltage
VCC
+ = 5V, V
CC
-= Gnd,
10
V/mV
4, 5, 6
1V
≤ VO ≤ 2.5V,
RL = 10KΩ
VCC
+ = 5V, V
CC
-= Gnd,
10
V/mV
4, 5, 6
1V
≤ VO ≤ 2.5V,
RL = 2KΩ
+VOP
Maximum Output Voltage Swing
VCC
+ = 30V, V
CC
-= Gnd,
27
V
4, 5, 6
VO = +30V, RL = 10KΩ
VCC
+ = 30V, V
CC
-= Gnd,
26
V
4, 5, 6
Vo = +30V, RL = 2KΩ
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM124JAN


同様の部品番号 - LM124JAN-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124JAN TI1-LM124JAN Datasheet
485Kb / 30P
[Old version datasheet]   LM124A/LM124JAN Low Power Quad Operational Amplifiers
More results

同様の説明 - LM124JAN-SP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com