データシートサーチシステム |
|
LM137KG-MD8 データシート(PDF) 6 Page - Texas Instruments |
|
LM137KG-MD8 データシート(HTML) 6 Page - Texas Instruments |
6 / 22 page LM137QML SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015 www.ti.com 6.6 LM137H 883 Electrical Characteristics DC Parameters The following conditions apply, unless otherwise specified. VIN = −4.25V, IL = 8mA, VOUT = VRef (1) (2) SUB- PARAMETER TEST CONDITIONS MIN MAX UNIT GROUPS 1 -1.275 -1.225 V 2, 3 -1.3 -1.2 V VRef Reference Voltage VIN = -42 V 1 -1.275 -1.225 V VIN = -41.3 V 2, 3 -1.3 -1.2 V VOUT = -1.7 V 1, 2, 3 3.0 mA VOUT = -1.7 V, VIN = -11.75 V 1, 2, 3 3.0 mA IQ Minimum Load Current VOUT = -1.7 V, VIN = -42 V 1 5.0 mA VOUT = -1.7 V, VIN = -41.3 V 2, 3 5.0 mA -42 V ≤ VIN ≤ -4.25 V 1 -9.0 9.0 mV RLine Line Regulation -41.3 V ≤ VIN ≤ -4.25 V 2, 3 -23 23 mV 5 mA ≤ IL ≤ 500 mA, VIN = -6.25 V 1, 2, 3 -25 25 mV RLoad Load Regulation 5mA ≤ IL ≤ 500 mA, VIN = -14.5 V 1 -25 25 mV 5mA ≤ IL ≤ 150 mA, VIN = -40 V 1, 2, 3 -25 25 mV IL = 5 mA 1, 2, 3 100 µA IAdj Adjustment Pin Current VIN = -42 V 1 100 µA VIN = -41.3 V 2, 3 100 µA -42 V ≤ VIN ≤ -4.25 V, IL = 5 mA 1 -5.0 5.0 µA Adjust Pin Current Δ IAdj / VLine Change vs. Line Voltage -41.3 V ≤ V IN ≤ -4.25 V, IL = 5 mA 2, 3 -5.0 5.0 µA Δ IAdj / ILoad Adjust Pin Current Change vs. Load 5 mA ≤ IL ≤ 500 mA, VIN = -6.5 V 1, 2, 3 -5.0 5.0 µA Current VIN = -14.5 V, IL = 500 mA, t = 10 1 -5.0 5.0 mV mS VRth Thermal Regulation VIN = -14.5 V, IL = 5 mA, t = 10 mS 1 -5.0 5.0 mV VIN = -5 V 1, 2, 3 -1.8 -0.5 A ICL Current Limit VIN = -40 V 1, 2, 3 -0.65 -0.15 A 1 -1.28 -1.22 V VO Output Voltage 2, 3 -1.3 -1.2 V (1) VIN = −41.3V at +125°C and −55°C (2) −41.3V ≤ VIN ≤ −4.25V at +125°C and −55°C 6.7 LM137H 883 Electrical Characteristics AC Parameters SUB- PARAMETER TEST CONDITIONS MIN MAX UNIT GROUPS Ripple Rejection Ratio VIN = -6.25 V, VOUT = VRef, RR 4,5,6 66 dB (1) IL = 125 mA, eI = 1VRMS, F = 120 Hz (1) Test at +25°C, ensured but not tested at +125°C and −55°C 6 Submit Documentation Feedback Copyright © 2010–2015, Texas Instruments Incorporated Product Folder Links: LM137QML |
同様の部品番号 - LM137KG-MD8 |
|
同様の説明 - LM137KG-MD8 |