データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM117KGMD8 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM117KGMD8
部品情報  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM117KGMD8 データシート(HTML) 9 Page - Texas Instruments

Back Button LM117KGMD8 Datasheet HTML 5Page - Texas Instruments LM117KGMD8 Datasheet HTML 6Page - Texas Instruments LM117KGMD8 Datasheet HTML 7Page - Texas Instruments LM117KGMD8 Datasheet HTML 8Page - Texas Instruments LM117KGMD8 Datasheet HTML 9Page - Texas Instruments LM117KGMD8 Datasheet HTML 10Page - Texas Instruments LM117KGMD8 Datasheet HTML 11Page - Texas Instruments LM117KGMD8 Datasheet HTML 12Page - Texas Instruments LM117KGMD8 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LM117QML, LM117QML-SP
www.ti.com
SNVS356D – MARCH 2006 – REVISED APRIL 2013
LM117H & LM117WG RH Electrical Characteristics
DC Parameters
(1) (2)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
VI = 4.25V, IL = -5mA
1.2
1.3
V
1, 2, 3
VI = 4.25V, IL = -500mA
1.2
1.3
V
1, 2, 3
VO
Output Voltage
VI = 41.25V, IL = -5mA
1.2
1.3
V
1, 2, 3
VI = 41.25V, IL = -50mA
1.2
1.3
V
1, 2, 3
4.25V
≤ VI ≤ 41.25V,
-9.0
9.0
mV
1
VRLine
Line Regulation
IL = -5mA
-23
23
mV
2,3
VI = 6.25V,
-12
12
mV
1, 2, 3
-500mA
≤ IL ≤ -5mA
VRLoad
Load Regulation
VI = 41.25V,
-12
12
mV
1, 2, 3
-50mA
≤ IL ≤ -5mA
VRTh
Thermal Regulation
VI = 14.6V, IL = -500mA
-12
12
mV
1
VI = 4.25V, IL = -5mA
-100
-15
µA
1, 2, 3
IAdj
Adjust Pin Current
VI = 41.25V, IL = -5mA
-100
-15
µA
1, 2, 3
4.25V
≤ VI ≤ 41.25V,
ΔIAdj/ Line
Adjust Pin Current Change
-5.0
5.0
µA
1, 2, 3
IL = -5mA
VI = 6.25V,
ΔIAdj / Load
Adjust Pin Current Change
-5.0
5.0
µA
1, 2, 3
-500mA
≤ IL ≤ -5mA
VI = 4.25V,
-3.0
-0.5
mA
1, 2, 3
Forced VO = 1.4V
VI = 14.25V,
IQ
Minimum Load Current
-3.0
-0.5
mA
1, 2, 3
Forced VO = 1.4V
VI = 41.25V,
-5.0
-1.0
mA
1, 2, 3
Forced VO = 1.4V
VI = 4.25V
-1.8
-0.5
A
1, 2, 3
IOS
Output Short Circuit Current
VI = 40V
-0.5
-0.05
A
1, 2, 3
VI = 4.25V, RL = 2.5Ω,
1.2
1.3
V
1, 2, 3
CL = 20µF
VO (Recov)
Output Voltage Recovery
VI = 40V, RL = 250Ω
1.2
1.3
V
1, 2, 3
VO
Output Voltage
VI = 6.25V, IL = -5mA
See(3)
1.2
1.3
V
2
VI = 4.25V, RL = 2.5Ω,
VStart
Voltage Start-Up
1.2
1.3
V
1, 2, 3
CL = 20µF, IL = -500mA
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the "Post
Radiation Limits" table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
(3)
Tested @ TA = 125°C, correlated to TA = 150°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM117QML LM117QML-SP


同様の部品番号 - LM117KGMD8

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM117KGMD8 TI1-LM117KGMD8 Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
More results

同様の説明 - LM117KGMD8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com