データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM395T データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM395T
部品情報  Ultra Reliable Power Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM395T データシート(HTML) 1 Page - Texas Instruments

  LM395T Datasheet HTML 1Page - Texas Instruments LM395T Datasheet HTML 2Page - Texas Instruments LM395T Datasheet HTML 3Page - Texas Instruments LM395T Datasheet HTML 4Page - Texas Instruments LM395T Datasheet HTML 5Page - Texas Instruments LM395T Datasheet HTML 6Page - Texas Instruments LM395T Datasheet HTML 7Page - Texas Instruments LM395T Datasheet HTML 8Page - Texas Instruments LM395T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM195, LM395
www.ti.com
SNOSBO4C – JUNE 1999 – REVISED APRIL 2013
LM195/LM395 Ultra Reliable Power Transistors
Check for Samples: LM195, LM395
For low-power applications (under 100 mA), refer to
1
FEATURES
the LP395 Ultra Reliable Power Transistor.
2
Internal Thermal Limiting
The LM195/LM395 are available in the standard TO-
Greater than 1.0A Output Current
3, Kovar TO-5, and TO-220 packages. The LM195 is
3.0
μA Typical Base Current
rated for operation from
−55°C to +150°C and the
500 ns Switching Time
LM395 from 0°C to +125°C.
2.0V Saturation
Simplified Circuit
Base Can be Driven up to 40V without Damage
Directly Interfaces with CMOS or TTL
100% Electrical Burn-in
DESCRIPTION
The
LM195/LM395
are
fast,
monolithic
power
integrated circuits with complete overload protection.
These devices, which act as high gain power
transistors, have included on the chip, current limiting,
power
limiting,
and
thermal
overload
protection
making them virtually impossible to destroy from any
type of overload. In the standard TO-3 transistor
power package, the LM195 will deliver load currents
in excess of 1.0A and can switch 40V in 500 ns.
The inclusion of thermal limiting, a feature not easily
available
in
discrete
designs,
provides
virtually
absolute
protection
against
overload.
Excessive
power dissipation or inadequate heat sinking causes
the thermal limiting circuitry to turn off the device
preventing excessive heating.
The LM195 offers a significant increase in reliability
as well as simplifying power circuitry. In some
applications, where protection is unusually difficult,
such as switching regulators, lamp or solenoid drivers
where normal power dissipation is low, the LM195 is
especially advantageous.
The LM195 is easy to use and only a few precautions
need be observed. Excessive collector to emitter
voltage can destroy the LM195 as with any power
transistor. When the device is used as an emitter
follower with low source impedance, it is necessary to
insert a 5.0k resistor in series with the base lead to
prevent
possible
emitter
follower
oscillations.
Although the device is usually stable as an emitter
follower, the resistor eliminates the possibility of
Figure 1. 1.0 Amp Lamp Flasher
trouble without degrading performance. Finally, since
it
has
good
high
frequency
response,
supply
bypassing is recommended.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM395T

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM395T NSC-LM395T Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
LM395T NSC-LM395T Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
More results

同様の説明 - LM395T

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML_13 Datasheet
910Kb / 16P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM295 NSC-LM295 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
[Old version datasheet]   LM195QML Ultra Reliable Power Transistors
LP395 TI1-LP395 Datasheet
294Kb / 12P
[Old version datasheet]   Ultra Reliable Power Transistor
logo
National Semiconductor ...
LP395 NSC-LP395 Datasheet
130Kb / 5P
   Ultra Reliable Power Transistor
logo
TDK Electronics
LDV12-12-1R0 TDK-LDV12-12-1R0 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDV12-15-R80 TDK-LDV12-15-R80 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDV12-24-R50 TDK-LDV12-24-R50 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
   Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com