データシートサーチシステム |
|
LM119MDE データシート(PDF) 9 Page - Texas Instruments |
|
|
LM119MDE データシート(HTML) 9 Page - Texas Instruments |
9 / 25 page LM119QML www.ti.com SNOSAN3B – JULY 2008 – REVISED MARCH 2013 LM119 Electrical Characteristics SMD 5962-9679802, ELDRS FREE DC Parameters (continued) The following conditions apply, unless otherwise specified. VCM = 0V Sub- Symbol Parameter Conditions Notes Min Max Units groups VIO Input Offset Voltage +V CC = 5V, VCM = 1V, RS ≤ 5KΩ (2) -3.8 3.8 mV 1 (2) -6.8 6.8 mV 2, 3 +V CC = 5V, VCM = 3V, (2) -3.8 3.8 mV 1 RS ≤ 5KΩ (2) -6.8 6.8 mV 2, 3 ±VCC = ±15V, VCM = 12V, -3.8 3.8 mV 1 RS ≤ 5KΩ -6.8 6.8 mV 2, 3 ±VCC = ±15V, VCM = -12V, -3.8 3.8 mV 1 RS ≤ 5KΩ -6.8 6.8 mV 2, 3 IIO Input Offset Current +V CC = 5V, VCM = 1V (2) -75 75 nA 1 (2) -100 100 nA 2, 3 +V CC = 5V, VCM = 3V (2) -75 75 nA 1 (2) -100 100 nA 2, 3 ±VCC = ±15V, VCM = 12V -75 75 nA 1 -100 100 nA 2, 3 ±VCC = ±15V, VCM = -12V -75 75 nA 1 -100 100 nA 2, 3 VI Input Voltage Range +V CC = 5V (3), (3) 1.0 3.0 V 1, 2, 3 ±VCC = ±15V (3) -12 12 V 1, 2, 3 VSat Output Saturation Voltage ±VCC = ±15V, IO = 25mA, (1) 1.5 V 1, 2, 3 VI ≤ -5mV +V CC = 3.5V, -V CC = -1V, 0.4 V 1, 2 VI ≤ -6mV, IO ≤ 3.2mA 0.6 V 3 AV Voltage Gain ±VCC = ±15V, Delta VO = 12V, (4) 10.5 K 4 RL = 1.4KΩ (4) 10 K 5, 6 +V CC = 5V, -V CC = 0V, (5), (4) 8.0 K 4 Delta VO = 4.5V, RL = 1.4KΩ (5), (4) 5.0 K 5 (5), (4) 5.8 K 6 CMRR Common Mode Rejection Ratio ±VCC = ±15V, VCM = ±12V 80 dB 4 (3) Parameter ensured by VIO and IIO tests. (4) K = V/mV. (5) 5V differential across +VCC and −VCC. SMD 5962-9679802, ELDRS FREE DC DELTA Parameters The following conditions apply, unless otherwise specified. VCM = 0V, Delta calculations performed on QMLV devices at group B, subgroup 5 only. Sub- Symbol Parameter Conditions Notes Min Max Units groups +ICC Positive Supply Current ±VCC = ±15V, VO = Low -1.0 1.0 mA 1 V+ = 5.6V thru 1.4K Ω -ICC Negative Supply Current ±VCC = ±15V, VO = Low -0.5 0.5 mA 1 V+ = 5.6V thru 1.4K Ω VIO Input Offset Voltage +V CC = 5V, VCM = 1V, RS ≤ 5KΩ -0.4 0.4 mV 1 Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM119QML |
同様の部品番号 - LM119MDE |
|
同様の説明 - LM119MDE |