データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1877 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1877
部品情報  Dual Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1877 データシート(HTML) 3 Page - Texas Instruments

  LM1877 Datasheet HTML 1Page - Texas Instruments LM1877 Datasheet HTML 2Page - Texas Instruments LM1877 Datasheet HTML 3Page - Texas Instruments LM1877 Datasheet HTML 4Page - Texas Instruments LM1877 Datasheet HTML 5Page - Texas Instruments LM1877 Datasheet HTML 6Page - Texas Instruments LM1877 Datasheet HTML 7Page - Texas Instruments LM1877 Datasheet HTML 8Page - Texas Instruments LM1877 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM1877
www.ti.com
SNAS550B – FEBRUARY 1995 – REVISED APRIL 2013
Electrical Characteristics
VS = 20V, TA = 25°C
(1) R
L = 8Ω, AV = 50 (34 dB) unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Total Supply Current
PO = 0W
25
50
mA
Output Power
THD = 10%
LM1877
VS = 20V, RL = 8Ω
2.0
W/Ch
VS = 12V, RL = 8Ω
1.3
W/Ch
Total Harmonic Distortion
f = 1 kHz, VS = 14V
LM1877
PO = 50 mW/Channel
0.075
%
PO = 500 mW/Channel
0.045
%
PO = 1 W/Channel
0.055
%
Output Swing
RL = 8Ω
VS −6
Vp-p
Channel Separation
CF = 50 μF, CIN = 0.1 μF,
f = 1 kHz, Output Referred
VS = 20V, VO = 4 Vrms
−50
−70
dB
VS = 7V, VO = 0.5 Vrms
−60
dB
PSRR Power Supply
CF = 50 μF, CIN = 0.1 μF,
Rejection Ratio
f = 120 Hz, Output Referred
VS = 20V, VRIPPLE = 1 Vrms
−50
−65
dB
VS = 7V, VRIPPLE = 0.5 Vrms
−40
dB
Noise
Equivalent Input Noise
RS = 0, CIN = 0.1 μF,
2.5
μV
BW = 20 Hz–20 kHz, Output Noise Wideband
RS = 0, CN = 0.1 μF, AV 200
0.80
mV
Open Loop Gain
RS = 0, f = 100 kHz, RL = 8Ω
70
dB
Input Offset Voltage
15
mV
Input Bias Current
50
nA
Input Impedance
Open Loop
4
M
Ω
DC Output Level
VS = 20V
9
10
11
V
Slew Rate
2.0
V/
μs
Power Bandwidth
65
kHz
Current Limit
1.0
A
(1)
For operation at ambient temperature greater than 25°C, the LM1877 must be derated based on a maximum 150°C junction
temperature.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1877


同様の部品番号 - LM1877

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1877 NSC-LM1877 Datasheet
257Kb / 9P
   Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI-LM1877 Datasheet
1Mb / 14P
[Old version datasheet]   LM1877 Dual Audio Power Amplifier
logo
National Semiconductor ...
LM1877M-9 NSC-LM1877M-9 Datasheet
257Kb / 9P
   Dual Audio Power Amplifier
logo
Texas Instruments
LM1877M-9 TI-LM1877M-9 Datasheet
1Mb / 14P
[Old version datasheet]   LM1877 Dual Audio Power Amplifier
LM1877MX-9 TI-LM1877MX-9 Datasheet
1Mb / 14P
[Old version datasheet]   LM1877 Dual Audio Power Amplifier
More results

同様の説明 - LM1877

メーカー部品番号データシート部品情報
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
   Dual Audio Power Amplifier
2002-02-13
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
   DUAL AUDIO POWER AMPLIFIER
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
   DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
   Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
   Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
   Dual Audio Power Amplifier
logo
Texas Instruments
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
[Old version datasheet]   Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA7230P TOSHIBA-TA7230P Datasheet
454Kb / 4P
   DUAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com