データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12454 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM12454
部品情報  12-Bit Sign Data Acquisition System
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 データシート(HTML) 4 Page - Texas Instruments

  LM12454 Datasheet HTML 1Page - Texas Instruments LM12454 Datasheet HTML 2Page - Texas Instruments LM12454 Datasheet HTML 3Page - Texas Instruments LM12454 Datasheet HTML 4Page - Texas Instruments LM12454 Datasheet HTML 5Page - Texas Instruments LM12454 Datasheet HTML 6Page - Texas Instruments LM12454 Datasheet HTML 7Page - Texas Instruments LM12454 Datasheet HTML 8Page - Texas Instruments LM12454 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LM12454, LM12458, LM12H458
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VA+ and VD+)
6.0V
Voltage at Input and Output Pins, except analog inputs
−0.3V to (V+ + 0.3V)
Voltage at Analog Inputs
− 5V to (V+ + 5V)
|VA+ − VD+|
300 mV
Input Current at Any Pin (3)
±5 mA
Package Input Current (3)
±20 mA
Power Dissipation, PQFP
(TA = 25°C)
(4)
875 mW
Storage Temperature
−65°C to +150°C
Lead Temperature
PQFP, Infrared, 15 sec.
+300°C
PLCC, Solder, 10 sec.
+250°C
ESD Susceptibility (5)
1.5 kV
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but does not specify performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(3)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > (VA+ or VD+)), the current at that pin should
be limited to 5 mA. The 20 mA maximum package input current rating allows the voltage at any four pins, with an input current of 5 mA,
to simultaneously exceed the power supply voltages.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature).
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
OPERATING RATINGS
(1) (2)
Temperature Range
(Tmin ≤ TA ≤ Tmax)
−40°C ≤ TA ≤ 85°C
Supply Voltage
VA+, VD+
3.0V to 5.5V
|VA+ − VD+|
≤100 mV
VIN+ Input Range
GND
≤ VIN+ ≤ VA+
VIN− Input Range
GND
≤ VIN− ≤ VA+
VREF+ Input Voltage
1V
≤ VREF+ ≤ VA+
VREF− Input Voltage
0V
≤ VREF− ≤ VREF+ − 1V
VREF+ − VREF−
1V
≤ VREF ≤ VA+
VREF Common Mode
Range (3)
0.1 VA
+ ≤ V
REFCM ≤ 0.6 VA
+
TJ(MAX)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but does not specify performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
VREFCM (Reference Voltage Common Mode Range) is defined as (VREF+ + VREF−)/2.
4
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM12454 LM12458 LM12H458


同様の部品番号 - LM12454

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
List of Unclassifed Man...
LM12454 ETC-LM12454 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12454

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com