データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12458 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM12458
部品情報  12-Bit Sign Data Acquisition System
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM12458 データシート(HTML) 5 Page - Texas Instruments

  LM12458 Datasheet HTML 1Page - Texas Instruments LM12458 Datasheet HTML 2Page - Texas Instruments LM12458 Datasheet HTML 3Page - Texas Instruments LM12458 Datasheet HTML 4Page - Texas Instruments LM12458 Datasheet HTML 5Page - Texas Instruments LM12458 Datasheet HTML 6Page - Texas Instruments LM12458 Datasheet HTML 7Page - Texas Instruments LM12458 Datasheet HTML 8Page - Texas Instruments LM12458 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
CONVERTER CHARACTERISTICS
(1) (2) (3) (4)
The following specifications apply to the LM12454, LM12458, and LM12H458 for VA+ = VD+ = 5V, VREF+ = 5V, VREF− = 0V, 12-
bit + sign conversion mode, fCLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS = 25Ω, source impedance for
VREF+ and VREF− ≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typical (5)
Limits (6)
Units
ILE
Integral Linearity Error (7) (8)
After Auto-Cal
±1/2
±1
LSB (max)
TUE
Total Unadjusted Error(7)
After Auto-Cal
±1
LSB
Resolution with No Missing Codes (7)
After Auto-Cal
13
Bits (max)
DNL
Differential Non-Linearity
After Auto-Cal
±¾
LSB (max)
After Auto-Cal
±1
Zero Error (9) (8)
LM12H458
±1/2
±1.5
LSB (max)
Positive Full-Scale Error (7) (8)
After Auto-Cal
±1/2
±2
LSB (max)
Negative Full-Scale Error (7) (8)
After Auto-Cal
±1/2
±2
LSB (max)
DC Common Mode Error (10)
±2
±3.5
LSB (max)
8-Bit + Sign and “Watchdog” Mode
ILE
±1/2
LSB (max)
Integral Linearity Error (7)
8-Bit + Sign and “Watchdog” Mode Total
TUE
After Auto-Zero
±1/2
±3/4
LSB (max)
Unadjusted Error
8-Bit + Sign and “Watchdog” Mode Resolution
9
Bits (max)
with No Missing Codes
8-Bit + Sign and “Watchdog” Mode
DNL
±3/4
LSB (max)
Differential Non-Linearity
8-Bit + Sign and “Watchdog” Mode Zero Error
After Auto-Zero
±1/2
LSB (max)
8-Bit + Sign and “Watchdog” Full-Scale Error
±1/2
LSB (max)
8-Bit + Sign and “Watchdog” Mode
±1/8
LSB
DC Common Mode Error
Multiplexer Channel-to-Channel Matching
±0.05
LSB
GND
V (min)
VIN+
Non-Inverting Input Range
VA+
V (max)
GND
V (min)
VIN−
Inverting Input Range
VA+
V (max)
−VA
+
V (min)
VIN+ − VIN−
Differential Input Voltage Range
VA+
V (max)
V (min)
GND
V (max)
Common Mode Input Voltage Range
VA+
(1)
Two on-chip diodes are tied to each analog input through a series resistor, as shown below. Input voltage magnitude up to 5V above
VA+ or 5V below GND will not damage the LM12454 or the LM12(H)458. However, errors in the A/D conversion can occur if these
diodes are forward biased by more than 100 mV. As an example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.6 VDC to ensure
accurate conversions. See Figure 3
(2)
VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V
+ pin to
assure conversion/comparison accuracy.
(3)
Accuracy is ensured when operating at fCLK = 5 MHz for the LM12454/8 and fCLK = 8 MHz for the LM12H458.
(4)
With the test condition for VREF (VREF+ − VREF−) given as +5V, the 12-bit LSB is 1.22 mV and the 8-bit/“Watchdog” LSB is 19.53 mV.
(5)
Typical figures are at TA = 25°C and represent most likely parametric norm.
(6)
Limits are to AOQL (Average Output Quality Level).
(7)
Positive integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes
through positive full-scale and zero. For negative integral linearity error the straight line passes through negative full-scale and zero.
(See Figure 5 Figure 6).
(8)
The LM12(H)454/8's self-calibration technique ensures linearity and offset errors as specified, but noise inherent in the self-calibration
process will result in a repeatability uncertainty of ±0.10 LSB.
(9)
Zero error is a measure of the deviation from the mid-scale voltage (a code of zero), expressed in LSB. It is the worst-case value of the
code transitions between
−1 to 0 and 0 to +1 (see Figure 7).
(10) The DC common-mode error is measured with both inputs shorted together and driven from 0V to 5V. The measured value is referred to
the resulting output value when the inputs are driven with a 2.5V signal.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM12454 LM12458 LM12H458


同様の部品番号 - LM12458

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12458 NSC-LM12458 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
List of Unclassifed Man...
LM12458 ETC-LM12458 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
Texas Instruments
LM12458 TI1-LM12458 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12458CIV NSC-LM12458CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12458CIV NSC-LM12458CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12458

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com