データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119HRLQMLV データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM119HRLQMLV
部品情報  High Speed Dual Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM119HRLQMLV データシート(HTML) 5 Page - Texas Instruments

  LM119HRLQMLV Datasheet HTML 1Page - Texas Instruments LM119HRLQMLV Datasheet HTML 2Page - Texas Instruments LM119HRLQMLV Datasheet HTML 3Page - Texas Instruments LM119HRLQMLV Datasheet HTML 4Page - Texas Instruments LM119HRLQMLV Datasheet HTML 5Page - Texas Instruments LM119HRLQMLV Datasheet HTML 6Page - Texas Instruments LM119HRLQMLV Datasheet HTML 7Page - Texas Instruments LM119HRLQMLV Datasheet HTML 8Page - Texas Instruments LM119HRLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM119QML
www.ti.com
SNOSAN3B – JULY 2008 – REVISED MARCH 2013
LM119/883 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
+ICC
Positive Supply Current
±VCC = ±15V, VO = Low
11
mA
1
V+ = 5.6V thru 1.4K
11.5
mA
2
-ICC
Negative Supply Current
±VCC = ±15V, VO = Low
-4.2
mA
1
V+ = 5.6V thru 1.4K
-4.5
mA
2
ILeak
Output Leakage Current
+V
CC = 15V,
-V
CC = -1V,
1.8
µA
1
VGnd = 0V, VO = 35V,
9.5
µA
2
VI = 5mV
10.0
µA
3
IIB
Input Bias Current
±VCC = ±15V
0.47
µA
1
5
0.95
µA
2, 3
+V
CC = 5V,
V
CC = 0V,
0.47
µA
1
VCM = 1.5V
5
.95
µA
2, 3
VIO
Input Offset Voltage
+V
CC = 5V,
V
CC = 0V,
-3.8
3.8
mV
1
VCM = 1V, RS ≤ 5KΩ
-6.8
6.8
mV
2, 3
+V
CC = 5V,
V
CC = 0V,
-3.8
3.8
mV
1
VCM = 3V, RS ≤ 5KΩ
-6.8
6.8
mV
2, 3
±VCC = ±15V, VCM = 12V,
-3.8
3.8
mV
1
RS ≤ 5KΩ
-6.8
6.8
mV
2, 3
±VCC = ±15V, VCM = -12V,
-3.8
3.8
mV
1
RS ≤ 5KΩ
-6.8
6.8
mV
2, 3
IIO
Input Offset Current
+V
CC = 5V,
V
CC = 0V, VCM = 1V
-75
75
nA
1
-100
100
nA
2, 3
+V
CC = 5V,
V
CC = 0V, VCM = 3V
-75
75
nA
1
-100
100
nA
2, 3
±VCC = ±15V, VCM = 12V
-75
75
nA
1
-100
100
nA
2, 3
±VCC = ±15V, VCM = -12V
-75
75
nA
1
-100
100
nA
2, 3
VSat
Output Saturation Voltage
±VCC = ±15V, IO = 25mA,
1.5
V
1
VI = -5mV
+V
CC = 5V,
V
CC = 0V,
(1)
0.4
V
1, 2
IO= 4.0mA
(1)
0.6
V
3
AV
Voltage Gain
±VCC = ±15V, Delta VO = 12V,
(2),(3)
10.5
K
4
RL = 1.4KΩ
(2),(3)
10
K
5, 6
+V
CC = 5V,
V
CC = 0V,
(2),(4)
8.0
K
4
Delta VO = 4.5V, RL = 1.4KΩ
(2),(4)
5.0
K
5
(2),(4)
5.8
K
6
(1)
Output is monitored by measuring VI with limits from 0 to 6mV at all temperatures
(2)
K = V/mV.
(3)
Gain is computed with an output swing from +13.5V to +1.5V.
(4)
Gain is computed with an output swing from +5.0V to +0.5V.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM119QML


同様の部品番号 - LM119HRLQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119HRLQMLV TI1-LM119HRLQMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119HRLQMLV TI-LM119HRLQMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119HRLQMLV TI-LM119HRLQMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119HRLQMLV TI1-LM119HRLQMLV Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results

同様の説明 - LM119HRLQMLV

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com