データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM124AQML-SP データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM124AQML-SP
部品情報  Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124AQML-SP データシート(HTML) 10 Page - Texas Instruments

Back Button LM124AQML-SP Datasheet HTML 6Page - Texas Instruments LM124AQML-SP Datasheet HTML 7Page - Texas Instruments LM124AQML-SP Datasheet HTML 8Page - Texas Instruments LM124AQML-SP Datasheet HTML 9Page - Texas Instruments LM124AQML-SP Datasheet HTML 10Page - Texas Instruments LM124AQML-SP Datasheet HTML 11Page - Texas Instruments LM124AQML-SP Datasheet HTML 12Page - Texas Instruments LM124AQML-SP Datasheet HTML 13Page - Texas Instruments LM124AQML-SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM124AQML, LM124QML
SNOSAE0K – AUGUST 2004 – REVISED MARCH 2013
www.ti.com
LM124A RAD HARD SMD: 5962R99504 AC Parameters
(1) (2)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC: +VCC = 30V, -VCC = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Groups
+VCC = 15V, -VCC = -15V,
NIBB
Noise Broadband
15
uVrm s
7
BW = 10Hz to 5KHz
+VCC = 15V, -VCC = -15V,
NIPC
Noise Popcorn
RS = 20K Ω,
50
uVpK
7
BW = 10Hz to 5KHz
+VCC = 30V, -VCC = Gnd,
80
dB
7
RL = 2K Ω
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, A to B
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, A to C
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, A to D
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, B to A
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, B to C
RL = 2K Ω,
CS
Channel Separation
(3)
80
dB
7
VIN = 1V and 16V, B to D
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, C to A
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, C to B
RL = 2K Ω,
80
dB
7
Vin = 1V and 16V, C to D
RL = 2K Ω,
80
dB
7
VIN = 1V and 16V, D to A
RL = 2K Ohms,
80
dB
7
VIN = 1V and 16V, D to B
RL = 2K Ω,
80
dB
7
Vin = 1V and 16V, D to C
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
(3)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
LM124A RAD HARD - DC Drift Values SMD: 5962R99504
(1) (2)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC: "Delta calculations performed on QMLV devices at group B, subgroup 5 only"
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Groups
VCC+ = 30V, VCC- = Gnd,
VIO
Input Offset Voltage
-0.5
0.5
mV
1
VCM = +15V
VCC+ = 30V, VCC- = Gnd,
±IIB
Input Bias Current
-10
10
nA
1
VCM = +15V
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM124AQML LM124QML


同様の部品番号 - LM124AQML-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124AQML TI1-LM124AQML Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AQML TI1-LM124AQML_13 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
More results

同様の説明 - LM124AQML-SP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com