データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119J-QMLV データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM119J-QMLV
部品情報  High Speed Dual Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM119J-QMLV データシート(HTML) 10 Page - Texas Instruments

Back Button LM119J-QMLV Datasheet HTML 6Page - Texas Instruments LM119J-QMLV Datasheet HTML 7Page - Texas Instruments LM119J-QMLV Datasheet HTML 8Page - Texas Instruments LM119J-QMLV Datasheet HTML 9Page - Texas Instruments LM119J-QMLV Datasheet HTML 10Page - Texas Instruments LM119J-QMLV Datasheet HTML 11Page - Texas Instruments LM119J-QMLV Datasheet HTML 12Page - Texas Instruments LM119J-QMLV Datasheet HTML 13Page - Texas Instruments LM119J-QMLV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM119QML
SNOSAN3B – JULY 2008 – REVISED MARCH 2013
www.ti.com
SMD 5962-9679802, ELDRS FREE 100K Post Radiation Parameters @ 25°C
(1)
The following conditions apply, unless otherwise specified.
VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
IIB
Input Bias Current
±VCC = ±15V
1.0
µA
1
VCC = 5V
1.0
µA
1
VIO
Input Offset Voltage
+V
CC = 5V, VCM = 1V, RS ≤ 5KΩ
-4.0
4.0
mV
1
+V
CC = 5V, VCM = 3V, RS ≤ 5KΩ
-4.0
4.0
mV
1
±VCC = ±15V, VCM = 12V, RS
-4.0
4.0
mV
1
5K
±VCC = ±15V, VCM = −12V, RS
-4.0
4.0
mV
1
5K
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been performed on a wafer-by-wafer basis, per Test Method 1019, Condition D of
MIL-STD-883, with no enhanced low dose rate sensitivity (ELDRS).
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM119QML


同様の部品番号 - LM119J-QMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM119J-QMLV NSC-LM119J-QMLV Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119J-QMLV TI1-LM119J-QMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-QMLV TI-LM119J-QMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-QMLV TI-LM119J-QMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-QMLV TI1-LM119J-QMLV Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results

同様の説明 - LM119J-QMLV

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com