データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12H458CIV データシート(PDF) 7 Page - Texas Instruments

部品番号 LM12H458CIV
部品情報  12-Bit Sign Data Acquisition System
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM12H458CIV データシート(HTML) 7 Page - Texas Instruments

Back Button LM12H458CIV Datasheet HTML 3Page - Texas Instruments LM12H458CIV Datasheet HTML 4Page - Texas Instruments LM12H458CIV Datasheet HTML 5Page - Texas Instruments LM12H458CIV Datasheet HTML 6Page - Texas Instruments LM12H458CIV Datasheet HTML 7Page - Texas Instruments LM12H458CIV Datasheet HTML 8Page - Texas Instruments LM12H458CIV Datasheet HTML 9Page - Texas Instruments LM12H458CIV Datasheet HTML 10Page - Texas Instruments LM12H458CIV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
CONVERTER AC CHARACTERISTICS
(1) (2) (3) (4)
The following specifications apply to the LM12454, LM12458, and LM12H458 for VA+ = VD+ = 5V, VREF+ = 5V, VREF− = 0V, 12-
bit + sign conversion mode, fCLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS = 25Ω, source impedance for
VREF+ and VREF− ≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typical (5)
Limits (6)
Units
%
Clock Duty Cycle
50
40
% (min)
60
% (max)
13-Bit Resolution, Sequencer State
44 (tCLK)
44 (tCLK) + 50 ns
(max)
S5 (Figure 45)
tC
Conversion Time
9-Bit Resolution, Sequencer State S5
21 (tCLK)
21 (tCLK) + 50 ns
(max)
(Figure 45)
Sequencer State S7 (Figure 45) Built-
9 (tCLK)
9 (tCLK) + 50 ns
(max)
in minimum for 13-Bits
tA
Acquisition Time
Built-in minimum for 9-Bits and
2 (tCLK)
2 (tCLK) + 50 ns
(max)
“Watchdog” mode
tZ
Auto-Zero Time
Sequencer State S2 (Figure 45)
76 (tCLK)
76 (tCLK) + 50 ns
(max)
tCAL
4944 (tCLK) + 50
Full Calibration Time
Sequencer State S2 (Figure 45)
4944 (tCLK)
(max)
ns
89
88
kHz (min)
Throughput Rate (7)
LM12H458
142
140
kHz (min)
“Watchdog” Mode Comparison Time
Sequencer States S6, S4, and S5
tWD
11 (tCLK)
11 (tCLK) + 50 ns
(max)
(Figure 45)
VIN = ±5V
fIN = 1 kHz
77.5
dB
DSNR
Differential Signal-to-Noise Ratio
fIN = 20 kHz
75.2
dB
fIN = 40 kHz
74.7
dB
VIN = 5 Vp-p
fIN = 1 kHz
69.8
dB
SESNR
Single-Ended Signal-to-Noise Ratio
fIN = 20 kHz
69.2
dB
fIN = 40 kHz
66.6
dB
VIN = ±5V
fIN = 1 kHz
76.9
dB
Differential Signal-to-Noise +
DSINAD
Distortion Ratio
fIN = 20 kHz
73.9
dB
fIN = 40 kHz
70.7
dB
VIN = 5 Vp-p
fIN = 1 kHz
69.4
dB
Single-Ended Signal-to-Noise +
SESINAD
Distortion Ratio
fIN = 20 kHz
68.3
dB
fIN = 40 kHz
65.7
dB
(1)
Two on-chip diodes are tied to each analog input through a series resistor, as shown below. Input voltage magnitude up to 5V above
VA+ or 5V below GND will not damage the LM12454 or the LM12(H)458. However, errors in the A/D conversion can occur if these
diodes are forward biased by more than 100 mV. As an example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.6 VDC to ensure
accurate conversions. See Figure 3
(2)
VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V
+ pin to
assure conversion/comparison accuracy.
(3)
Accuracy is ensured when operating at fCLK = 5 MHz for the LM12454/8 and fCLK = 8 MHz for the LM12H458.
(4)
With the test condition for VREF (VREF+ − VREF−) given as +5V, the 12-bit LSB is 1.22 mV and the 8-bit/“Watchdog” LSB is 19.53 mV.
(5)
Typical figures are at TA = 25°C and represent most likely parametric norm.
(6)
Limits are to AOQL (Average Output Quality Level).
(7)
The Throughput Rate is for a single instruction repeated continuously. Sequencer states 0 (1 clock cycle), 1 (1 clock cycle), 7 (9 clock
cycles) and 5 (44 clock cycles) are used (see Figure 45). One additional clock cycle is used to read the conversion result stored in the
FIFO, for a total of 56 clock cycles per conversion. The Throughput Rate is fCLK (MHz)/N, where N is the number of clock
cycles/conversion.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM12454 LM12458 LM12H458


同様の部品番号 - LM12H458CIV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12H458CIV NSC-LM12H458CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12H458CIV NSC-LM12H458CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12H458CIV TI1-LM12H458CIV Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12H458CIVF NSC-LM12H458CIVF Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12H458CIVF NSC-LM12H458CIVF Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12H458CIV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com