データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM193AJRQMLV データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM193AJRQMLV
部品情報  Low Power Low Offset Voltage Dual Comparators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM193AJRQMLV データシート(HTML) 7 Page - Texas Instruments

Back Button LM193AJRQMLV Datasheet HTML 3Page - Texas Instruments LM193AJRQMLV Datasheet HTML 4Page - Texas Instruments LM193AJRQMLV Datasheet HTML 5Page - Texas Instruments LM193AJRQMLV Datasheet HTML 6Page - Texas Instruments LM193AJRQMLV Datasheet HTML 7Page - Texas Instruments LM193AJRQMLV Datasheet HTML 8Page - Texas Instruments LM193AJRQMLV Datasheet HTML 9Page - Texas Instruments LM193AJRQMLV Datasheet HTML 10Page - Texas Instruments LM193AJRQMLV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM193A, LM193QML
www.ti.com
SNOSAM2C – MAY 2005 – REVISED MARCH 2013
LM193A - 100K Radiation Electrical Characteristics DC Parameters
(1)(2) (continued)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
VDiff
Differential Input Voltage
+V = 30V, +VI = 36V, -VI = 0V
See(4)
500
nA
1, 2, 3
+V = 30V, +VI = 0V, -VI = +36V
See(4)
500
nA
1, 2, 3
AVS
Voltage Gain
+V = 15V, RPullUp = 15KΩ
See(3)
50
V/mV
4
1V
≤ VO ≤ 11V,
See(5)
25
V/mV
5, 6
(4)
The value for VDiff is not datalogged during Read and Record.
(5)
Datalog reading in K = V/mV.
LM193A - 100K Radiation Electrical Characteristics AC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 5mV
5.0
µS
9
VOD = 50mV
0.8
µS
9
tRHL
Response Time
VOD = 5mV
2.5
µS
9
VOD = 50mV
0.8
µS
9
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
LM193A - 100K Radiation Electrical Characteristics (Continued) DC Drift Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Delta calculations performed on QMLV devices at Group B, Subgroup 5 only
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
+V = 30V
-1.0
1.0
mV
1
±IIB
Input Bias Current
-15
15
nA
1
(1)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019
LM193A - 100K Radiation Electrical Characteristics (Continued) AC Parameters - Post Radiation
Limits @ +25°C
(1) (2)
The following conditions apply, unless otherwise specified.
+V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 50mV
1.0
µS
9
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, Method 1019
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM193A LM193QML


同様の部品番号 - LM193AJRQMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM193AJ-MLS NSC-LM193AJ-MLS Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193AJ-MLS TI1-LM193AJ-MLS Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
National Semiconductor ...
LM193AJ-QMLV NSC-LM193AJ-QMLV Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
LM193AJ-QMLV NSC-LM193AJ-QMLV Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Texas Instruments
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 LM193AJ-QMLV** ^

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com