データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD0345BS8500RF データシート(PDF) 8 Page - Texas Instruments

部品番号 AD0345BS8500RF
部品情報  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF データシート(HTML) 8 Page - Texas Instruments

Back Button AD0345BS8500RF Datasheet HTML 4Page - Texas Instruments AD0345BS8500RF Datasheet HTML 5Page - Texas Instruments AD0345BS8500RF Datasheet HTML 6Page - Texas Instruments AD0345BS8500RF Datasheet HTML 7Page - Texas Instruments AD0345BS8500RF Datasheet HTML 8Page - Texas Instruments AD0345BS8500RF Datasheet HTML 9Page - Texas Instruments AD0345BS8500RF Datasheet HTML 10Page - Texas Instruments AD0345BS8500RF Datasheet HTML 11Page - Texas Instruments AD0345BS8500RF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
SMJ320C6701-SP
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
www.ti.com
Signal Descriptions
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
CLOCK/PLL
CLKIN
A14
I
Clock Input
CLKOUT1
Y6
O
Clock output at full device speed
CLKOUT2
V9
O
Clock output at half of device speed
CLKMODE1
B17
Clock mode select
I
CLKMODE0
C17
Selects whether the output clock frequency = input clock freq ×4
or ×1
PLLFREQ3
C13
PLL frequency range (3, 2, and 1)
PLLFREQ2
G11
I
The target range for CLKOUT1 frequency is determined by the
3–bit value of the PLLFREQ pins.
PLLFREQ1
F11
PLLV(2)
D12
A(3)
PLL analog VCC connection for the low-pass filter
PLLG(2)
G10
A(3)
PLL analog GND connection for the low-pass filter
PLLF
C12
A(3)
PLL low-pass filter connection to external components and a bypass capacitor
JTAG EMULATION
TMS
K19
I
JTAG test port mode select (features an internal pull-up)
TDO
R12
O/Z
JTAG test port data out
TDI
R13
I
JTAG test port data in (features an internal pull-up)
TCK
M20
I
JTAG test port clock
TRST
N18
I
JTAG test port reset (features an internal pull-down)
EMU1
R20
I/O/Z
Emulation pin 1, pullup with a dedicated 20-k
Ω resistor(4)
EMU0
T18
I/O/Z
Emulation pin 0, pullup with a dedicated 20-k
Ω resistor(4)
RESET AND INTERRUPTS
RESET
J20
I
Device reset
Nonmaskable interrupt
NMI
K21
I
Edge driven (rising edge)
EXT_INT7
R16
External interrupts
EXT_INT6
P20
I
EXT_INT5
R15
Edge driven (rising edge)
EXT_INT4
R18
IACK
R11
O
Interrupt acknowledge for all active interrupts serviced by the CPU
INUM3
T19
Active interrupt identification number
INUM2
T20
Valid during IACK for all active interrupts (not just external)
O
INUM1
T14
Encoding order follows the interrupt service fetch packet
ordering.
INUM0
T16
LITTLE ENDIAN/BIG ENDIAN
If high, selects little-endian byte/half-word addressing order within a word.
LENDIAN
G20
I
If low, selects big-endian addressing.
POWER-DOWN STATUS
PD
D19
O
Power-down mode 2 or 3 (active if high)
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
(2)
PLLV and PLLG signals are not part of external voltage supply or ground. See the CLOCK/PLL documentation for information on how to
connect those pins.
(3)
A = Analog signal (PLL filter)
(4)
For emulation and normal operation, pull up EMU1 and EMU0 with a dedicated 20-k
Ω resistor. For boundary scan, pull down EMU1 and
EMU0 with a dedicated 20-k
Ω resistor.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: SMJ320C6701-SP


同様の部品番号 - AD0345BS8500RF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

同様の説明 - AD0345BS8500RF

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com