データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT18245 データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74ABT18245
部品情報  SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT18245 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74ABT18245 Datasheet HTML 5Page - Texas Instruments SN74ABT18245 Datasheet HTML 6Page - Texas Instruments SN74ABT18245 Datasheet HTML 7Page - Texas Instruments SN74ABT18245 Datasheet HTML 8Page - Texas Instruments SN74ABT18245 Datasheet HTML 9Page - Texas Instruments SN74ABT18245 Datasheet HTML 10Page - Texas Instruments SN74ABT18245 Datasheet HTML 11Page - Texas Instruments SN74ABT18245 Datasheet HTML 12Page - Texas Instruments SN74ABT18245 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN54ABT18245
SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
SGBS307A – AUGUST 1994 – REVISED JANUARY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 44 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin, one BSC for each normal-function I/O pin (one single cell for both input data and
output data), and one BSC for each of the internally decoded output-enable signals (1OEA, 2OEA, 1OEB,
2OEB). The BSR is used 1) to store test data that is to be applied externally to the device output pins, and/or
2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at the device
input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test /Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, BSCs 43 – 40 are reset to logic 0, ensuring that cells, which control A-port and B-port
outputs, are set to benign values (i.e., if test mode were invoked, the outputs would be at the high-impedance
state). Reset values for other BSCs should be considered indeterminate.
When external data is to be captured, the BSCs for signals 1OEA, 2OEA, 1OEB, and 2OEB capture logic values
determined
by
the
following
positive-logic
equations:
1OEA = 1OE
• 1DIR, 2OEA = 2OE • 2DIR,
1OEB = 1OE
• DIR, and 2OEB = 2OE • DIR. When data is to be applied externally, these BSCs control the
drive state (active or high impedance) of their respective outputs.
The BSR order of scan is from TDI through bits 43 – 0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan-Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
43
2OEB
35
2A9-I/O
26
1A9-I/O
17
2B9-I/O
8
1B9-I/O
42
1OEB
34
2A8-I/O
25
1A8-I/O
16
2B8-I/O
7
1B8-I/O
41
2OEA
33
2A7-I/O
24
1A7-I/O
15
2B7-I/O
6
1B7-I/O
40
1OEA
32
2A6-I/O
23
1A6-I/O
14
2B6-I/O
5
1B6-I/O
39
2DIR
31
2A5-I/O
22
1A5-I/O
13
2B5-I/O
4
1B5-I/O
38
1DIR
30
2A4-I/O
21
1A4-I/O
12
2B4-I/O
3
1B4-I/O
37
2OE
29
2A3-I/O
20
1A3-I/O
11
2B3-I/O
2
1B3-I/O
36
1OE
28
2A2-I/O
19
1A2-I/O
10
2B2-I/O
1
1B2-I/O
––
––
27
2A1-I/O
18
1A1-I/O
9
2B1-I/O
0
1B1-I/O
boundary-control register
The boundary-control register (BCR) is three bits long. The BCR is used in the context of the boundary-run test
(RUNT) instruction to implement additional test operations not included in the basic SCOPE
™ instruction set.
Such operations include PRPG, PSA, and binary count up (COUNT). Table 4 shows the test operations that are
decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 010, which selects the PSA test operation. The BCR order of scan is illustrated in
Figure 3.
Bit 0
(LSB)
TDO
TDI
Bit 1
Bit 2
(MSB)
Figure 3. Boundary-Control Register Order of Scan


同様の部品番号 - SN74ABT18245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT18245A TI-SN74ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245A TI-SN74ABT18245A Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245A TI-SN74ABT18245A Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGG TI-SN74ABT18245ADGG Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGGR TI-SN74ABT18245ADGGR Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT18245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18502 TI1-SN54LVT18502_08 Datasheet
504Kb / 31P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18646 TI-SN54ABT18646 Datasheet
414Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18502 TI-SN54LVT18502 Datasheet
405Kb / 29P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com