データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM72501 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM72501
部品情報  SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM72501 データシート(HTML) 8 Page - Texas Instruments

Back Button SM72501 Datasheet HTML 4Page - Texas Instruments SM72501 Datasheet HTML 5Page - Texas Instruments SM72501 Datasheet HTML 6Page - Texas Instruments SM72501 Datasheet HTML 7Page - Texas Instruments SM72501 Datasheet HTML 8Page - Texas Instruments SM72501 Datasheet HTML 9Page - Texas Instruments SM72501 Datasheet HTML 10Page - Texas Instruments SM72501 Datasheet HTML 11Page - Texas Instruments SM72501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
-1
0
1
2
3
4
5
6
-200
-150
-100
-50
0
50
100
150
200
VCM (V)
VS = 5V
-40°C
25°C
125°C
-1
0
1
2
7
8
9 10 11
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
3
4
5
6
-40°C
125°C
25°C
VS = 10V
2
4
6
8
10
12
-200
-150
-100
-50
0
50
100
150
200
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
VS = 3V
25°C
125°C
-40°C
10
1k
1M
FREQUENCY (Hz)
-140
-100
-60
0
100k
10k
100
-20
-80
-120
-40
VS = 5V
VS = 3V
VS = 10V
-40 -20
0
20
40
60
80 100 120125
-200
-150
-100
-50
0
50
200
TEMPERATURE (°C)
100
150
VS = 3V
VS = 5V
VS = 10V
SM72501
SNIS157C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Offset Voltage
CMRR
vs.
vs.
Temperature
Frequency
Figure 9.
Figure 10.
Offset Voltage
Offset Voltage
vs.
vs.
Supply Voltage
VCM
Figure 11.
Figure 12.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72501


同様の部品番号 - SM72501

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MF NSC-SM72501MF Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFE NSC-SM72501MFE Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFX NSC-SM72501MFX Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
More results

同様の説明 - SM72501

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com