データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74SL12 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74SL12
部品情報  TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SL12 データシート(HTML) 5 Page - Texas Instruments

  SN74SL12 Datasheet HTML 1Page - Texas Instruments SN74SL12 Datasheet HTML 2Page - Texas Instruments SN74SL12 Datasheet HTML 3Page - Texas Instruments SN74SL12 Datasheet HTML 4Page - Texas Instruments SN74SL12 Datasheet HTML 5Page - Texas Instruments SN74SL12 Datasheet HTML 6Page - Texas Instruments SN74SL12 Datasheet HTML 7Page - Texas Instruments SN74SL12 Datasheet HTML 8Page - Texas Instruments SN74SL12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
SN5412J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
-55 to 125
SN7412N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN7412N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74LS12D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74LS12D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74LS12DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74LS12DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
SN74LS12N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74LS12N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74LS12N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74LS12N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SNJ5412J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
-55 to 125
SNJ5412J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
-55 to 125
SNJ5412W
OBSOLETE
CFP
W
14
TBD
Call TI
Call TI
-55 to 125
SNJ5412W
OBSOLETE
CFP
W
14
TBD
Call TI
Call TI
-55 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


同様の部品番号 - SN74SL12

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74S TI-SN74S Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN74S00 TI-SN74S00 Datasheet
195Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74S00 TI-SN74S00 Datasheet
350Kb / 7P
[Old version datasheet]   Quadruple 2input positive-nand gates
SN74S00 TI-SN74S00 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74S00 TI1-SN74S00 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

同様の説明 - SN74SL12

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN5412 TI-SN5412 Datasheet
200Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS12 HITACHI-HD74LS12 Datasheet
45Kb / 5P
   Triple 3-input Positive NAND Gates(with Open Collector Outputs)
logo
Texas Instruments
SN54ALS12A TI1-SN54ALS12A Datasheet
59Kb / 3P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS15A TI1-SN54ALS15A Datasheet
69Kb / 4P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS12 RENESAS-HD74LS12 Datasheet
43Kb / 4P
   Triple 3-input Positive NAND Gates (with Open Collector Output)
logo
Texas Instruments
SN54LS15 TI-SN54LS15 Datasheet
151Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS11 HITACHI-HD74LS11 Datasheet
50Kb / 5P
   Triple 3-input Positive AND Gates(with Open Collector Outputs)
logo
Renesas Technology Corp
HD74LS11 RENESAS-HD74LS11 Datasheet
97Kb / 6P
   Triple 3-input Positive AND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com