データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC123APWRE4 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74AHC123APWRE4
部品情報  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC123APWRE4 データシート(HTML) 5 Page - Texas Instruments

  SN74AHC123APWRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC123APWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN54AHC123A, SN74AHC123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS352H − JULY 1997 − REVISED OCTOBER 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHC123A
SN74AHC123A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
1.9
IOH = −50 mA
3 V
2.9
3
2.9
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.5
0.44
V
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
Rext/Cext†
VI = VCC or GND
5.5 V
±0.25
±2.5
±2.5
A
II
A, B, and CLR
VI = VCC or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
Quiescent
VI = VCC or GND, IO = 0
5.5 V
4
40
40
mA
Active state
VI = VCC or GND,
3 V
160
250
280
280
ICC
Active state
(per circuit)
VI = VCC or GND,
Rext/Cext = 0.5 VCC
4.5 V
280
500
650
650
mA
ICC
(per circuit)
Rext/Cext = 0.5 VCC
5.5 V
360
750
975
975
mA
Ci
VI = VCC or GND
5 V
1.9
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This test is performed with the terminal in the off-state condition.
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TEST CONDITIONS
TA = 25°C
SN54AHC123A
SN74AHC123A
UNIT
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse
CLR
5
5
5
ns
tw
Pulse
duration
A or B trigger
5
5
5
ns
trr
Pulse retrigger time
Rext = 1 kΩ, Cext = 100 pF
76
ns
trr
Pulse retrigger time
Rext = 1 kΩ, Cext = 0.01 mF
1.8
ms
‡ See retriggering data in the application information section.
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TEST CONDITIONS
TA = 25°C
SN54AHC123A
SN74AHC123A
UNIT
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse
CLR
5
5
5
ns
tw
Pulse
duration
A or B trigger
5
5
5
ns
trr
Pulse retrigger time
Rext = 1 kΩ, Cext = 100 pF
59
ns
trr
Pulse retrigger time
Rext = 1 kΩ, Cext = 0.01 mF
1.5
ms
‡ See retriggering data in the application information section.


同様の部品番号 - SN74AHC123APWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC123APWRE4 TI-SN74AHC123APWRE4 Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

同様の説明 - SN74AHC123APWRE4

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com