データシートサーチシステム |
|
DLW5BTM501TQ2 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTM501TQ2 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 3 page Product Search Data Sheet DLW5BTM501TQ2# “#” indicates a package specification code. Specifications Shape SMD Size Code (in mm) 5050 Size Code (in inch) 2020 Length 5.0mm Length Tolerance ±0.3mm Width 5.0mm Width Tolerance ±0.3mm Thickness 2.35mm Thickness Tolerance ±0.15mm Common Mode Impedance (at 100MHz) 500Ω Common Mode Impedance (at 100MHz) Tolerance (Typ.) Rated Current 4.0A Rated Voltage 50Vdc Withstanding Voltage 125Vdc DC Resistance(max.) 0.027Ω DC Resistance 0.027Ω max. Insulation Resistance(min.) 10MΩ Operating Temperature Range - ℃ 40 to ℃ 105 Mass(typ.) 0.21g Number of Circuit 1 Operating Temperature Range(Self- temperature rise is included) No 2 of 3 Atten ti o n 1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.T his datasheet has only typical specifications because there is no space for detailed specifications. T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last : updated 2016/08/03 |
同様の部品番号 - DLW5BTM501TQ2 |
|
同様の説明 - DLW5BTM501TQ2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |