データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM118H データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM118H
部品情報  Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM118H データシート(HTML) 2 Page - Texas Instruments

  LM118H Datasheet HTML 1Page - Texas Instruments LM118H Datasheet HTML 2Page - Texas Instruments LM118H Datasheet HTML 3Page - Texas Instruments LM118H Datasheet HTML 4Page - Texas Instruments LM118H Datasheet HTML 5Page - Texas Instruments LM118H Datasheet HTML 6Page - Texas Instruments LM118H Datasheet HTML 7Page - Texas Instruments LM118H Datasheet HTML 8Page - Texas Instruments LM118H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM118-N, LM218-N, LM318-N
SNOSBS8C – MARCH 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
±20V
Power Dissipation (3)
500 mW
Differential Input Current (4)
±10 mA
Input Voltage (5)
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
lm118-n
−55°C to +125°C
LM218-N
−25°C to +85°C
LM318-N
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
TO-99 Package
300°C
PDIP Package
260°C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Tolerance (6)
2000V
(1)
Refer to RETS118X for LM118H and LM118J military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The maximum junction temperature of the lm118-n is 150°C, the LM218-N is 110°C, and the LM318-N is 110°C. For operating at
elevated temperatures, devices in the LMC package must be derated based on a thermal resistance of 160°C/W, junction to ambient, or
20°C/W, junction to case. The thermal resistance of the dual-in-line package is 100°C/W, junction to ambient.
(4)
The inputs are shunted with back-to-back diodes for overvoltage protection. Therefore, excessive current will flow if a differential input
voltage in excess of 1V is applied between the inputs unless some limiting resistance is used.
(5)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1)
Parameter
Conditions
LM118-N/LM218-N
LM318-N
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C
2
4
4
10
mV
Input Offset Current
TA = 25°C
6
50
30
200
nA
Input Bias Current
TA = 25°C
120
250
150
500
nA
Input Resistance
TA = 25°C
1
3
0.5
3
M
Ω
Supply Current
TA = 25°C
5
8
5
10
mA
Large Signal Voltage Gain
TA = 25°C, VS = ±15V
50
200
25
200
V/mV
VOUT = ±10V, RL ≥ 2 kΩ
Slew Rate
TA = 25°C, VS = ±15V, AV = 1
50
70
50
70
V/
μs
(2)
Small Signal Bandwidth
TA = 25°C, VS = ±15V
15
15
MHz
Input Offset Voltage
6
15
mV
Input Offset Current
100
300
nA
(1)
These specifications apply for ±5V
≤ VS ≤ ±20V and −55°C ≤ TA ≤ +125°C (lm118-n), −25°C ≤ TA ≤ +85°C (LM218-N), and 0°C ≤ TA
+70°C (LM318-N). Also, power supplies must be bypassed with 0.1
μF disc capacitors.
(2)
Slew rate is tested with VS = ±15V. The lm118-n is in a unity-gain non-inverting configuration. VIN is stepped from −7.5V to +7.5V and
vice versa. The slew rates between
−5.0V and +5.0V and vice versa are tested and specified to exceed 50V/μs.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM118-N LM218-N LM318-N


同様の部品番号 - LM118H

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM118H NSC-LM118H Datasheet
597Kb / 18P
   Operational Amplifiers
logo
Texas Instruments
LM118H TI-LM118H Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
logo
Linear Technology
LM118H LINER-LM118H Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM118H/883 NSC-LM118H/883 Datasheet
597Kb / 18P
   Operational Amplifiers
logo
Texas Instruments
LM118H/883 TI1-LM118H/883 Datasheet
912Kb / 19P
[Old version datasheet]   LM118QML Operational Amplifier
More results

同様の説明 - LM118H

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL