データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2512A データシート(PDF) 5 Page - Texas Instruments

部品番号 LM2512A
部品情報  Mobile Pixel Link RGB Display Interface Serializer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2512A データシート(HTML) 5 Page - Texas Instruments

  LM2512A_15 Datasheet HTML 1Page - Texas Instruments LM2512A_15 Datasheet HTML 2Page - Texas Instruments LM2512A_15 Datasheet HTML 3Page - Texas Instruments LM2512A_15 Datasheet HTML 4Page - Texas Instruments LM2512A_15 Datasheet HTML 5Page - Texas Instruments LM2512A_15 Datasheet HTML 6Page - Texas Instruments LM2512A_15 Datasheet HTML 7Page - Texas Instruments LM2512A_15 Datasheet HTML 8Page - Texas Instruments LM2512A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM2512A
www.ti.com
SNLS269B – AUGUST 2007 – REVISED MAY 2013
SWITCHING CHARACTERISTICS (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tACC
SPI Data Active (SDA_device)
See Figure 16
0
50
ns
tOHR
SPI Data Tri-State
0
50
ns
(SDA_device)
RECOMMENDED INPUT TIMING REQUIREMENTS (PCLK AND SPI)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PIXEL CLOCK (PCLK)
fPCLK
Pixel Clock Frequency
3 MD Lane, (4X)
7.5
22.5
MHz
2 MD Lane, (6X)
5
15
MHz
PCLKDC
Pixel Clock Duty Cycle
30
50
70
%
tT
Transition Time
See(2)(3)
2
>2
ns
tSTOPpclk
Clock Stop Gap
PCLK
See(4) (3)
4
2
cycles
SPI INTERFACE
fSCLw
SCL Frequency
WRITE
10
MHz
fSCLr
READ
6.67
MHz
ts0
CSX Set Time
60
ns
ts1
SI Set Time
See Figure 15
30
ns
th1
SI Hold Time
30
ns
tw1h
SCL Pulse Width High
WRITE
35
ns
READ
60
ns
See Figure 15,
Figure 16
tw1l
SCL Pulse Width Low
WRITE
35
ns
READ
60
ns
tr
SCL Rise Time
5
ns
tf
SCL Fall Time
5
ns
t0H
SI Hold Time
See Figure 15
30
ns
th0
CSX Hold Time
65
ns
tw2
CSX OFF Time
100
ns
(1)
Typical values are given for VDDIO = 1.8V and VDD = VDDA = 1.8V and TA = 25°C.
(2)
Maximum transition time is a function of clock rate and should be less than 30% of the clock period to preserve signal quality.
(3)
This is a functional parameter and is specified by design or characterization.
(4)
This is the minimum time that the PCLK needs to be held off for in order for the device to be reset. Once PCLK is reapplied, a PLL Lock
is required and start up sequence before video data is serialized.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2512A


同様の部品番号 - LM2512A_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASM TI-LM2512ASM Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
National Semiconductor ...
LM2512ASMX NSC-LM2512ASMX Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASMX TI-LM2512ASMX Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
National Semiconductor ...
LM2512ASN NSC-LM2512ASN Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

同様の説明 - LM2512A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
logo
National Semiconductor ...
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
   Dual Pixel LVDS Display Interface / FPD-Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com