データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2575HVEP データシート(PDF) 7 Page - Texas Instruments

部品番号 LM2575HVEP
部品情報  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVEP データシート(HTML) 7 Page - Texas Instruments

Back Button LM2575HVEP Datasheet HTML 3Page - Texas Instruments LM2575HVEP Datasheet HTML 4Page - Texas Instruments LM2575HVEP Datasheet HTML 5Page - Texas Instruments LM2575HVEP Datasheet HTML 6Page - Texas Instruments LM2575HVEP Datasheet HTML 7Page - Texas Instruments LM2575HVEP Datasheet HTML 8Page - Texas Instruments LM2575HVEP Datasheet HTML 9Page - Texas Instruments LM2575HVEP Datasheet HTML 10Page - Texas Instruments LM2575HVEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
www.ti.com
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
LM2575-15EP, LM2575HV-15EP
ELECTRICAL CHARACTERISTICS
(1) (continued)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range .
LM2575-15EP
Units
LM2575HV-15EP
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (2)
η
Efficiency
VIN = 18V, ILOAD = 1A
88
%
LM2575-ADJEP, LM2575HV-ADJEP
ELECTRICAL CHARACTERISTICS
(1)
Specifications with standard type face are for TJ= 25°C, and those with boldface type apply over full Operating
Temperature Range.
LM2575-ADJEP
Units
LM2575HV-ADJEP
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (2)
SYSTEM PARAMETERS (3) Test Circuit Figure 25
VOUT
Feedback Voltage
VIN = 12V, ILOAD = 0.2A
1.230
V
VOUT = 5V
1.217
V(Min)
Circuit of Figure 25
1.243
V(Max)
VOUT
Feedback Voltage
0.2A
≤ ILOAD ≤ 1A,
1.230
V
LM2575EP
8V
≤ VIN ≤ 40V
1.193/1.180
V(Min)
VOUT = 5V, Circuit of Figure 25
1.267/1.280
V(Max)
VOUT
Feedback Voltage
0.2A
≤ ILOAD ≤ 1A,
1.230
V
LM2575HVEP
8V
≤ VIN ≤ 60V
1.193/1.180
V(Min)
VOUT = 5V, Circuit of Figure 25
1.273/1.286
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 1A, VOUT = 5V
77
%
(1)
"Testing and other quality control techniques are used to the extent deemed necessary to ensure product performance over the
specified temperature range. Product may not necessarily be tested across the full temperature range and all parameters may not
necessarily be tested. In the absence of specific PARAMETRIC testing, product performance is assured by characterization and/or
design."
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2575EP is used as shown in the Figure 25 test circuit, system performance will be as shown in system parameters section
of Electrical Characteristics.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2575EP LM2575HVEP


同様の部品番号 - LM2575HVEP

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2575HV NSC-LM2575HV Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HV NSC-LM2575HV Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575HV TI-LM2575HV Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HV TI-LM2575HV Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2575HV ARTSCHIP-LM2575HV Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
More results

同様の説明 - LM2575HVEP

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com