データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25066A データシート(PDF) 6 Page - Texas Instruments

部品番号 LM25066A
部品情報  System Power Management and Protection IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066A データシート(HTML) 6 Page - Texas Instruments

Back Button LM25066A_15 Datasheet HTML 2Page - Texas Instruments LM25066A_15 Datasheet HTML 3Page - Texas Instruments LM25066A_15 Datasheet HTML 4Page - Texas Instruments LM25066A_15 Datasheet HTML 5Page - Texas Instruments LM25066A_15 Datasheet HTML 6Page - Texas Instruments LM25066A_15 Datasheet HTML 7Page - Texas Instruments LM25066A_15 Datasheet HTML 8Page - Texas Instruments LM25066A_15 Datasheet HTML 9Page - Texas Instruments LM25066A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
LM25066A
SNVS700F – DECEMBER 2010 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C unless otherwise stated. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V.
(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ITIMER
Insertion time current
TIMER pin = 2V
-3
-5.5
-8
µA
Sink current, end of insertion time
1.4
1.9
2.4
mA
Fault detection current
-120
-90
-60
µA
Fault sink current
2.8
µA
DCFAULT
Fault Restart Duty Cycle
0.67
%
tFAULT_DELAY
Fault to GATE low delay
TIMER pin reaches the upper threshold
17
µs
Internal Reference
VREF
Reference Voltage
2.703
2.73
2.757
V
ADC and MUX
Resolution
12
Bits
INL
Integral Non-Linearity
ADC only
+/-1
LSB
tAQUIRE
Acquisition + Conversion Time
Any channel
100
µs
tRR
Acquisition Round Robin Time
Cycle all channels
1
ms
Telemetry Accuracy
IINFSR
Current input full scale range
CL = GND
30.2
mV
CL = VDD
60.4
mV
IINLSB
Current input LSB
CL = GND
7.32
µV
CL = VDD
14.64
µV
VAUXFSR
VAUX input full scale range
1.16
V
VAUXLSB
VAUX input LSB
283.2
µV
VINFSR
Input voltage full scale range
18.7
V
VINLSB
Input voltage LSB
4.54
mV
IINACC
Input Current Accuracy
VIN – SENSE = 25mV, CL = GND
-1
+1
TJ = 10°C to 85°C
VIN – SENSE = 25mV, CL = GND
-1.2
+1
%
VIN – SENSE = 50mV, CL = GND
-1.8
+1.8
VIN – SENSE = 5mV, CL = GND
-5
+5
TJ = 10°C to 85°C
VACC
VAUX, VIN, VOUT Accuracy
VIN, VOUT = 12V, VAUX = 1V
-1
+1
TJ = 10°C to 85°C
%
VIN, VOUT = 12V
-1
+1.2
VAUX = 1V
PINACC
Input Power Accuracy
VIN = 12V, VIN – SENSE = 25mV,
-2
+2
%
CL = GND, TJ = 10°C to 85°C
VIN = 12V, VIN – SENSE = 25mV,
-2.3
+2
CL = GND
Remote Diode Temperature Sensor
TACC
Temperature Accuracy Using Local
TA = 10°C to 85°C
2
10
°C
Diode
Remote Diode Resolution
9
bits
IDIODE
External Diode Current Source
High level
250
300
µA
Low level
9.4
µA
Diode Current Ratio
26
PMBus Pin Thresholds (SMBA, SDA, SCL)
VIL
Data, Clock Input Low Voltage
0.8
V
VIH
Data, Clock Input High Voltage
2.1
5.5
V
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM25066A


同様の部品番号 - LM25066A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQE TI1-LM25066APSQE Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQX TI1-LM25066APSQX Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results

同様の説明 - LM25066A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com