データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25069 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25069
部品情報  Positive Low Voltage Power Limiting Hot Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25069 データシート(HTML) 4 Page - Texas Instruments

  LM25069 Datasheet HTML 1Page - Texas Instruments LM25069 Datasheet HTML 2Page - Texas Instruments LM25069 Datasheet HTML 3Page - Texas Instruments LM25069 Datasheet HTML 4Page - Texas Instruments LM25069 Datasheet HTML 5Page - Texas Instruments LM25069 Datasheet HTML 6Page - Texas Instruments LM25069 Datasheet HTML 7Page - Texas Instruments LM25069 Datasheet HTML 8Page - Texas Instruments LM25069 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM25069
SNVS607E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Limit (PWR pin)
PWRLIM-1
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 12V, RPWR = 69.8 kΩ
19
25
31
mV
PWRLIM-2
SENSE-OUT = 6V, RPWR = 34.8 kΩ
19
25
31
mV
IPWR
PWR pin current
VPWR = 2.5V
-15
µA
RSAT(PWR)
PWR pin impedance when disabled
UVLO = 0.7V
140
Gate Control (GATE pin)
IGATE
Source current
Normal Operation
-27
-20
-13
µA
Sink current
UVLO = 1V
1.5
2
2.7
mA
VIN - SENSE = 150 mV or VIN < POR,
160
260
375
mA
VGATE = 5V
VGATE
Gate output voltage in normal operation
GATE voltage with respect to ground
18
19.5
21
V
Current Limit
VCL
Threshold voltage
VIN-SENSE voltage
45
50
55
mV
tCL
Response time
VIN-SENSE stepped from 0 mV to 80 mV
15
µs
ISENSE
SENSE input current
Enabled, SENSE = OUT
23
µA
Disabled, OUT = 0V
12
Enabled, OUT = 0V
62
Circuit Breaker
VCB
Threshold voltage
VIN - SENSE
75
95
110
mV
tCB
Response time
VIN - SENSE stepped from 0 mV to 150
0.19
0.36
µs
mV, time to GATE low, no load
Timer (TIMER pin)
VTMRH
Upper threshold
1.6
1.72
1.85
V
VTMRL
Lower threshold
Restart cycles (LM25069-2)
0.9
1.0
1.1
V
End of 8th cycle (LM25069-2)
0.3
V
Re-enable Threshold (LM25069-1)
0.3
V
ITIMER
Insertion time current
-7.5
-5.5
-3.5
µA
Sink current, end of insertion time
TIMER pin = 2V
1.5
2
2.5
mA
Fault detection current
-110
-80
-50
µA
Fault sink current
1.6
2.5
3.4
µA
DCFAULT
Fault Restart Duty Cycle
LM25069-2 only
0.67
%
tFAULT
Fault to GATE low delay
TIMER pin reaches the upper threshold
20
µs
Power Good (PGD pin)
PGDTH
Threshold measured at SENSE-OUT
Decreasing
1.3
1.9
V
Threshold Hysteresis
0.6
PGDVOL
Output low voltage
ISINK = 2 mA
15
30
mV
PGDIOH
Off leakage current
VPGD = 17V
1
µA
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM25069


同様の部品番号 - LM25069

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMM-1 NSC-LM25069PMM-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069PMM-2 NSC-LM25069PMM-2 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069PMME-1 NSC-LM25069PMME-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
More results

同様の説明 - LM25069

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com