データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM28VLT32-HT データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM28VLT32-HT
部品情報  32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM28VLT32-HT データシート(HTML) 10 Page - Texas Instruments

Back Button SM28VLT32-HT Datasheet HTML 6Page - Texas Instruments SM28VLT32-HT Datasheet HTML 7Page - Texas Instruments SM28VLT32-HT Datasheet HTML 8Page - Texas Instruments SM28VLT32-HT Datasheet HTML 9Page - Texas Instruments SM28VLT32-HT Datasheet HTML 10Page - Texas Instruments SM28VLT32-HT Datasheet HTML 11Page - Texas Instruments SM28VLT32-HT Datasheet HTML 12Page - Texas Instruments SM28VLT32-HT Datasheet HTML 13Page - Texas Instruments SM28VLT32-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SM28VLT32-HT
SLVSAO2C – NOVEMBER 2012 – REVISED MARCH 2013
www.ti.com
Table 3. Serial Peripheral Interface (SPI) Data Frame(1)
DUMMY
COMMAND
ADDRESS
DATA BYTES
DATA BYTES
TOTAL BYTES
COMMAND NAME
BYTES ON
DESCRIPTION
BYTE ON SI
BYTES ON SI
ON SI
ON SO
IN FRAME
SI(2)
Read Word
15h
3
0
1 (3)
2
7
Read word at given address
Read Word with
Burst read from previous
16h
0
0
1 (3)
2
4
auto addressing
address
Write Word
17h
3
2
1 (1)
0
7
Write word at given address
Write Word with
Burst write from previous
18h
0
2
1 (1)
0
4
auto addressing
address
Erase Segment(3)
19h
3
0
1 (1)
0
5
Erase addressed segment
Read Status
22
0
0
0 (2)
2
3
Read SPI status register
Register
Validate Segment
1A
3
0
1 (1)
0
5
Validates addressed segment
Writes to address in
Write Register
1D
3
2
1 (1)
0
7
configuration register
Reads from address in
Read Register
1E
3
0
1 (3)
2
7
configuration register
Flash controller command
interface for special functions.
Write Command
1F
0
2
1 (1)
0
4
See Application Information
section.
(1)
Multi-byte inputs and results are MSB first, LSB last.
(2)
(#) indicates total number of dummy SI bytes including overlap with SO output.
(3)
Permanent damage to flash array may occur if erase is executed when TJ exceeds 125°C.
REGISTER DEFINITIONS
Table 4. Quick Status Register
DEFAULT
BITS
TYPE
DESCRIPTION
VALUE
7
0
R
Unused
SPI Frame error: indicates frame ended with less than required
6
0
R
bytes to complete
5
0
R
Write Busy: indicates that a program operation is in progress
4
0
R
Erase Busy: indicates that a sector is being erased
3
0
R
Device Busy
Invalid Data: indicates that an attempt was made to set a bit to 1
2
0
R
that has already been programmed to 0
Read error: indicates that read was attempted on address when
1
0
R
data was not available
Command error: indicates that a prior command failed. Must be
0
0
R
cleared.
Table 5. Status Register (Command 22h)
DEFAULT
BITS
TYPE
DESCRIPTION
VALUE
15:12
0
R
Reserved
11:08
RevID
R
Revision ID (current revision 1001)
7
0
R
Unused
6
0
R
Read Busy
5
0
R
Write Busy
4
0
R
Erase Busy
3
0
R
Write Suspend
2
0
R
Erase Suspend
1
0
R
Flash Pump Ready
0
0
R
SPI Frame error
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SM28VLT32-HT


同様の部品番号 - SM28VLT32-HT

メーカー部品番号データシート部品情報
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

同様の説明 - SM28VLT32-HT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com