データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LKC05-48S3P3W データシート(PDF) 3 Page - Power Mate Technology Co., LTD

部品番号 LKC05-48S3P3W
部品情報  4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  P-DUKE [Power Mate Technology Co., LTD]
ホームページ  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LKC05-48S3P3W データシート(HTML) 3 Page - Power Mate Technology Co., LTD

  LKC05-48S3P3W Datasheet HTML 1Page - Power Mate Technology Co., LTD LKC05-48S3P3W Datasheet HTML 2Page - Power Mate Technology Co., LTD LKC05-48S3P3W Datasheet HTML 3Page - Power Mate Technology Co., LTD LKC05-48S3P3W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LKC05W
3
www.PDUKE.com
2016/03/29
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Case
Vout 1 to Vout 2; □□DS□□W only
1600
1600
500
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
1200
pF
Switching frequency
300
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Case material
Copper
Base material
FR4 PCB
Potting material
Epoxy (UL94 V-0)
Weight
14.8g(0.52oz)
MTBF
MIL-HDBK-217F, Full load
4.446 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
-40
+85
With derating
+85
+100
Maximum case temperature
+105
Storage temperature range
-55
+125
Thermal impedance
Natural convection
20
℃/W
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (1)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power frequency magnetic field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
Note:
1.
The standard modules meet EN55022 Class A without external components.
The standard modules meet EN55022 Class B as following information:
LKC05-24
W : Do not need any external components.
LKC05-48
W : Connect two 4.7µF/100V MLCCs in parallel to input pins.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The LKC05-24
W recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ70A,
70V, 3000Watt peak pulse power) to connect in parallel.
The LKC05-48
W recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ120A,
120V, 3000Watt peak pulse power) to connect in parallel.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
LKC05-48S05W Derating Curve
LKC05-48S05W Efficiency vs. Input Voltage
LKC05-48S05W Efficiency vs. Output Load


同様の説明 - LKC05-48S3P3W

メーカー部品番号データシート部品情報
logo
Power Mate Technology C...
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
SDH05W P-DUKE-SDH05W Datasheet
604Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDL06W P-DUKE-PDL06W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com