データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320F28335GBS データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320F28335GBS
部品情報  Digital Signal Controller (DSC)
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320F28335GBS データシート(HTML) 11 Page - Texas Instruments

Back Button SM320F28335GBS Datasheet HTML 7Page - Texas Instruments SM320F28335GBS Datasheet HTML 8Page - Texas Instruments SM320F28335GBS Datasheet HTML 9Page - Texas Instruments SM320F28335GBS Datasheet HTML 10Page - Texas Instruments SM320F28335GBS Datasheet HTML 11Page - Texas Instruments SM320F28335GBS Datasheet HTML 12Page - Texas Instruments SM320F28335GBS Datasheet HTML 13Page - Texas Instruments SM320F28335GBS Datasheet HTML 14Page - Texas Instruments SM320F28335GBS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
SM320F28335-HT
www.ti.com
SPRS682E – DECEMBER 2010 – REVISED JANUARY 2014
1.2
SUPPORTS EXTREME TEMPERATURE APPLICATIONS
Controlled Baseline
One Assembly/Test Site
One Fabrication Site
Available in Extreme (–55°C/210°C)
Temperature Range (2)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
Texas Instruments high temperature products utilize highly optimized silicon (die) solutions with
design and process enhancements to maximize performance over extended temperatures.
(2)
Custom temperature ranges available
1.3
ORDERING INFORMATION
(1)
TJ
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
-55°C to 150°C
PTP
SM320F28335PTPS
SM320F28335PTPS
GB
SM320F28335GBS
SM320F28335GBS
-55°C to 210°C
KGD
SM320F28335KGDS1
N/A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Copyright © 2010–2014, Texas Instruments Incorporated
SM320F28335 DSC
11
Submit Documentation Feedback
Product Folder Links: SM320F28335-HT


同様の部品番号 - SM320F28335GBS

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320F28335GHHAEP TI1-SM320F28335GHHAEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
More results

同様の説明 - SM320F28335GBS

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
   Digital Signal Controller
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com