データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC3550A データシート(PDF) 7 Page - Micronas

部品番号 DAC3550A
部品情報  DAC 3550A STEREO AUDIO DAC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

DAC3550A データシート(HTML) 7 Page - Micronas

Back Button DAC3550A Datasheet HTML 3Page - Micronas DAC3550A Datasheet HTML 4Page - Micronas DAC3550A Datasheet HTML 5Page - Micronas DAC3550A Datasheet HTML 6Page - Micronas DAC3550A Datasheet HTML 7Page - Micronas DAC3550A Datasheet HTML 8Page - Micronas DAC3550A Datasheet HTML 9Page - Micronas DAC3550A Datasheet HTML 10Page - Micronas DAC3550A Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DAC 3550A
Micronas
7
Fig. 2–5: Postfilter op amps, deemphasis op amps, and line-out
2.8. Analog Volume
The analog volume control covers a range from
+18 dB to
−75 dB. The lowest step is the mute posi-
tion.
Step size is split into a 3-dB and a 1.5-dB range:
−75 dB...−54 dB: 3 dB step size
−54 dB...+18 dB: 1.5 dB step size
2.9. Headphone Amplifier
The headphone amplifier output is provided at the
OUTL and OUTR pins connected either to stereo
headphones or a mono loudspeaker. The stereo head-
phones require external 47-
Ω serial resistors in both
channels. If a loudspeaker is connected to these out-
puts, the power amplifier for the right channel must be
switched to inverse polarity. In order to optimize the
available power, the source of the two output amplifiers
should be identical, i.e. a monaural signal.
Please note, that if a speaker is connected, it should
strictly be connected as shown in Fig. 2–5. Never use
a separate connector for the speaker, because electro-
static discharge could damage the output transistors.
FOPL
FINL
FOPR
-
-
-
-
AGNDC
VREF
Speaker
Headphones
OUTL
OUTR
1.5 k
47
FOUTL
FOUTR
from switch matrix
3.3
µF/100 nF
+
+
+
AVSS
AVDD
32
to
µC (HP-switch)
1.5 k
47
optional line-out
DEEML
For external components
,
DEEMR
16-32
FINR
see section “Applications”
For external components
,
see section “Applications”
Table 2–1: Volume Control
Volume/dB
AVOL
18.0
111000
16.5
110111
15.0
110110
13.5
110101
−−
0.0
101100 (default)
−1.5
101011
−−
−54.0
001000
−57.0
000111
−−
−75
000001
Mute
000000


同様の部品番号 - DAC3550A

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results

同様の説明 - DAC3550A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com