データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT14PWR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHCT14PWR
部品情報  SNx4AHCT14 Hex Schmitt-Trigger Inverters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT14PWR データシート(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT14PWR Datasheet HTML 3Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 4Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 5Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 6Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 9Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 10Page - Texas Instruments SN74AHCT14PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN54AHCT14, SN74AHCT14
www.ti.com
SCLS246Q – OCTOBER 1995 – REVISED JULY 2014
8 Parameter Measurement Information
Figure 2. Load Circuit and Voltage Waveforms
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHCT14 SN74AHCT14


同様の部品番号 - SN74AHCT14PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
711Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
1,014Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
1Mb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
957Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14PWR TI-SN74AHCT14PWR Datasheet
894Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

同様の説明 - SN74AHCT14PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHCT14 TI-SN54AHCT14_V01 Datasheet
3Mb / 38P
[Old version datasheet]   SNx4AHCT14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com