データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74F621 データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74F621
部品情報  OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F621 データシート(HTML) 3 Page - Texas Instruments

  SN74F621 Datasheet HTML 1Page - Texas Instruments SN74F621 Datasheet HTML 2Page - Texas Instruments SN74F621 Datasheet HTML 3Page - Texas Instruments SN74F621 Datasheet HTML 4Page - Texas Instruments SN74F621 Datasheet HTML 5Page - Texas Instruments SN74F621 Datasheet HTML 6Page - Texas Instruments SN74F621 Datasheet HTML 7Page - Texas Instruments SN74F621 Datasheet HTML 8Page - Texas Instruments SN74F621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN54F621, SN74F621
OCTAL BUS TRANSCEIVERS
WITH OPEN-COLLECTOR OUTPUTS
SDFS004B – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F621
SN74F621
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
250
250
µA
A1 A8
IOL = 20 mA
0.3
0.5
VOL
A1 – A8
VCC =4 5V
IOL = 24 mA
0.35
0.5
V
VOL
B1 B8
VCC = 4.5 V
IOL = 48 mA
0.38
0.55
V
B1 – B8
IOL = 64 mA
0.42
0.55
II
A and B ports
VCC =5 5V
VI = 5.5 V
1
1
mA
II
OEAB or OEBA
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
I
A and B ports
VCC =5 5V
VI =2 7V
70
70
µA
IIH‡
OEAB or OEBA
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I ‡
A and B ports
VCC =5 5V
VI =0 5V
– 0.65
– 0.65
mA
IIL‡
OEAB or OEBA
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
ICCH
VCC = 5.5 V
105
140
105
140
mA
ICCL
VCC = 5.5 V
105
140
105
140
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
′F621
SN54F621
SN74F621
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
6
9.5
12
5.5
13
5.5
13
ns
tPHL
A
B
2.5
3.8
8
2
8.5
2
8.5
ns
tPLH
B
A
6
9
12
5.5
12.5
5.5
12.5
ns
tPHL
B
A
2.5
4
7.5
2
8
2
8
ns
tPLH
OEBA
A
6
10
13.5
5.5
14
5.5
14
ns
tPHL
OEBA
A
3.5
6.5
10.5
2.5
11
2.5
11
ns
tPLH
OEAB
B
7
12
15
6
17
6
17
ns
tPHL
OEAB
B
3.5
6.5
9.5
3
10
3
10
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.


同様の部品番号 - SN74F621

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F621 TI-SN74F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74F621DW TI-SN74F621DW Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74F621N TI-SN74F621N Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
More results

同様の説明 - SN74F621

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI1-SN74ALS641A_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS642-1 HITACHI-HD74LS642-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(inverted open-collector outputs)
HD74LS642 HITACHI-HD74LS642 Datasheet
65Kb / 6P
   Octal Bus Transceivers(inverted open-collector outputs)
logo
Renesas Technology Corp
HD74LS642 RENESAS-HD74LS642 Datasheet
73Kb / 7P
   Octal Bus Transceivers (inverted open-collector outputs)
logo
Hitachi Semiconductor
HD74LS641 HITACHI-HD74LS641 Datasheet
65Kb / 6P
   Octal Bus Transceivers(non-inverted open-collector outputs)
logo
Renesas Technology Corp
HD74LS641 RENESAS-HD74LS641 Datasheet
164Kb / 7P
   Octal Bus Transceivers (non-inverted open-collector outputs)
logo
Hitachi Semiconductor
HD74LS641-1 HITACHI-HD74LS641-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(non-inverted open-collector outpurs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com