データシートサーチシステム |
|
SN74HC109N データシート(PDF) 4 Page - Texas Instruments |
|
|
SN74HC109N データシート(HTML) 4 Page - Texas Instruments |
4 / 19 page SN54HC109, SN74HC109 DUAL JK POSITIVEEDGETRIGGERED FLIPFLOPS WITH CLEAR AND PRESET SCLS470A − MARCH 2003 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HC109 SN74HC109 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 1.998 1.9 1.9 IOH = −20 µA 4.5 V 4.4 4.499 4.4 4.4 VOH VI = VIH or VIL IOH = −20 µA 6 V 5.9 5.999 5.9 5.9 V VOH VI = VIH or VIL IOH = −4 mA 4.5 V 3.98 4.3 3.7 3.84 V IOH = −5.2 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL IOL = 20 µA 6 V 0.001 0.1 0.1 0.1 V VOL VI = VIH or VIL IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 V IOL = 5.2 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA ICC VI = VCC or 0, IO = 0 6 V 4 80 40 µA Ci 2 V to 6 V 3 10 10 10 pF timing requirements over recommended operating free-air temperature range (unless otherwise noted) VCC TA = 25°C SN54HC109 SN74HC109 UNIT VCC MIN MAX MIN MAX MIN MAX UNIT 2 V 6 4.2 5 fclock Clock frequency 4.5 V 31 21 25 MHz fclock Clock frequency 6 V 36 25 29 MHz 2 V 100 150 125 PRE or CLR low 4.5 V 20 30 25 tw Pulse duration PRE or CLR low 6 V 17 25 21 ns tw Pulse duration 2 V 80 120 100 ns CLK high or low 4.5 V 16 24 20 CLK high or low 6 V 14 20 17 2 V 100 150 125 Data (J, K) 4.5 V 20 30 25 tsu Setup time before CLK ↑ Data (J, K) 6 V 17 25 21 ns tsu Setup time before CLK ↑ 2 V 25 40 30 ns PRE or CLR inactive 4.5 V 5 8 6 PRE or CLR inactive 6 V 4 7 5 2 V 0 0 0 th Hold time Data after CLK ↑ 4.5 V 0 0 0 ns th Hold time Data after CLK 6 V 0 0 0 ns |
同様の部品番号 - SN74HC109N |
|
同様の説明 - SN74HC109N |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |