データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS561A データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ALS561A
部品情報  SYNCHRONOUS 4-BIT COUNTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS561A データシート(HTML) 5 Page - Texas Instruments

  SN74ALS561A Datasheet HTML 1Page - Texas Instruments SN74ALS561A Datasheet HTML 2Page - Texas Instruments SN74ALS561A Datasheet HTML 3Page - Texas Instruments SN74ALS561A Datasheet HTML 4Page - Texas Instruments SN74ALS561A Datasheet HTML 5Page - Texas Instruments SN74ALS561A Datasheet HTML 6Page - Texas Instruments SN74ALS561A Datasheet HTML 7Page - Texas Instruments SN74ALS561A Datasheet HTML 8Page - Texas Instruments SN74ALS561A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN54ALS561A, SN74ALS561A
SYNCHRONOUS 4-BIT COUNTERS
WITH 3-STATE OUTPUTS
SDAS225A – DECEMBER 1982 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS561A
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS561A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS561A
SN74ALS561A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High level output current
Q outputs
–1
– 2.6
mA
IOH
High-level output current
CCO and RCO
– 0.4
– 0.4
mA
IOL
Low level output current
Q outputs
12
24
mA
IOL
Low-level output current
CCO and RCO
4
8
mA
fclock
Clock frequency
0
20
0
30
MHz
ACLR or ALOAD low
20
15
tw
Pulse duration
CLK high
20
16.5
ns
CLK low
25
16.5
ENP ENT
High
25
20
ENP, ENT
Low
25
20
Data at A, B, C, D
25
20
t
Setup time before CLK
SCLR
Low
21
15
ns
tsu
Setup time before CLK
SCLR
High (inactive)
35
30
ns
SLOAD
Low
20
15
SLOAD
High (inactive)
35
30
ACLR or ALOAD inactive
12
10
th
Hold time after CLK
↑ for data, ENP, ENT, SCLR, or SLOAD
0
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C


同様の部品番号 - SN74ALS561A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS561A TI-SN74ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
SN74ALS561ADW TI-SN74ALS561ADW Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
SN74ALS561AN TI-SN74ALS561AN Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALS561A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com