データシートサーチシステム |
|
SN74AS244AN データシート(PDF) 4 Page - Texas Instruments |
|
|
SN74AS244AN データシート(HTML) 4 Page - Texas Instruments |
4 / 22 page SN54ALS244C, SN54AS244A, SN74ALS244C, SN74AS244A OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS SDAS142C – JULY 1987 – REVISED AUGUST 1995 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = MIN to MAX† UNIT SN54ALS244C SN74ALS244C MIN MAX MIN MAX tPLH A Y 1 16 2 10 ns tPHL A Y 3 12 3 10 ns tPZH OE Y 1 26 3 20 ns tPZL OE Y 1 24 3 20 ns tPHZ OE Y 2 10 2 10 ns tPLZ OE Y 1 26 1 13 ns † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage applied to a disabled 3-state output 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54AS244A – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74AS244A 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54AS244A SN74AS244A UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IOH High-level output current –12 –15 mA IOL Low-level output current 48 64 mA TA Operating free-air temperature –55 125 0 70 °C |
同様の部品番号 - SN74AS244AN |
|
同様の説明 - SN74AS244AN |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |