データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC32NE4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC32NE4
部品情報  Quadruple 2-Input Positive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32NE4 データシート(HTML) 3 Page - Texas Instruments

  SN74HC32NE4 Datasheet HTML 1Page - Texas Instruments SN74HC32NE4 Datasheet HTML 2Page - Texas Instruments SN74HC32NE4 Datasheet HTML 3Page - Texas Instruments SN74HC32NE4 Datasheet HTML 4Page - Texas Instruments SN74HC32NE4 Datasheet HTML 5Page - Texas Instruments SN74HC32NE4 Datasheet HTML 6Page - Texas Instruments SN74HC32NE4 Datasheet HTML 7Page - Texas Instruments SN74HC32NE4 Datasheet HTML 8Page - Texas Instruments SN74HC32NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Not to scale
4
1Y
5
NC
6
2A
7
NC
8
2B
14
3B
15
NC
16
4Y
17
NC
18
4A
Not to scale
1
1A
14
VCC
2
1B
13
4B
3
1Y
12
4A
4
2A
11
4Y
5
2B
10
3B
6
2Y
9
3A
7
GND
8
3Y
3
SN54HC32, SN74HC32
www.ti.com
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, J, N, NS, PW, W Package
14-Pin SOIC, SSOP, CDIP, PDIP, SOP, TSSOP, CFP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D, DB, J, N,
NS, PW, W
FK
1A
1
2
I
Gate 1 input A
1B
2
3
I
Gate 1 input B
1Y
3
4
O
Gate 1 output
2A
4
6
I
Gate 2 input A
2B
5
8
I
Gate 2 input B
2Y
6
9
O
Gate 2 output
3A
9
13
I
Gate 3 input A
3B
10
14
I
Gate 3 input B
3Y
8
12
O
Gate 3 output
4A
12
18
I
Gate 4 input A
4B
13
19
I
Gate 4 input B
4Y
11
16
O
Gate 4 output
GND
7
10
Ground
NC
1, 5, 7,
11, 15, 17
No internal connection
VCC
14
20
Power supply


同様の部品番号 - SN74HC32NE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC32NE4 TI-SN74HC32NE4 Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32NE4 TI-SN74HC32NE4 Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32NE4 TI-SN74HC32NE4 Datasheet
699Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32NE4 TI1-SN74HC32NE4 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

同様の説明 - SN74HC32NE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com