データシートサーチシステム |
|
SN74ALS1005DRG4 データシート(PDF) 2 Page - Texas Instruments |
|
SN74ALS1005DRG4 データシート(HTML) 2 Page - Texas Instruments |
2 / 14 page SN54ALS1005, SN74ALS1005 HEX INVERTING BUFFERS WITH OPENCOLLECTOR OUTPUTS SDAS240A − APRIL 1982 − REVISED JANUARY 1995 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Off-state output voltage 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54ALS1005 −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ALS1005 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54ALS1005 SN74ALS1005 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V VOH High-level output voltage 5.5 5.5 V IOL Low-level output current 12 24 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS1005 SN74ALS1005 UNIT PARAMETER TEST CONDITIONS MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.5 −1.5 V VOL VCC = 4.5 V IOL = 12 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 24 mA 0.35 0.5 V IOH VCC = 4.5 V, VOH = 5.5 V 0.1 0.1 mA II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V − 0.1 − 0.1 mA ICCH VCC = 5.5 V, VI = 0 0.9 3 0.9 3 mA ICCL VCC = 5.5 V, VI = 4.5 V 7 12 7 12 mA ‡ All typical values are at VCC = 5 V, TA = 25°C. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX§ VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 680 Ω, TA = MIN to MAX§ UNIT PARAMETER (INPUT) (OUTPUT) SN54ALS1005 SN74ALS1005 UNIT MIN MAX MIN MAX tPLH A Y 2 32 5 30 ns tPHL A Y 2 12 2 10 ns § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
同様の部品番号 - SN74ALS1005DRG4 |
|
同様の説明 - SN74ALS1005DRG4 |