データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC164DR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC164DR
部品情報  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164DR データシート(HTML) 7 Page - Texas Instruments

Back Button SN74HC164DR Datasheet HTML 3Page - Texas Instruments SN74HC164DR Datasheet HTML 4Page - Texas Instruments SN74HC164DR Datasheet HTML 5Page - Texas Instruments SN74HC164DR Datasheet HTML 6Page - Texas Instruments SN74HC164DR Datasheet HTML 7Page - Texas Instruments SN74HC164DR Datasheet HTML 8Page - Texas Instruments SN74HC164DR Datasheet HTML 9Page - Texas Instruments SN74HC164DR Datasheet HTML 10Page - Texas Instruments SN74HC164DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SN54HC164, SN74HC164
www.ti.com
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
7.4 Thermal Information
SN54HC164
SN74HC164
J
W
FK
D
N
NS
PW
THERMAL METRIC(1)
(CDIP)
(CFP)
(LCCC)
(SOIC)
(PDIP)
(SO)
(TSSOP)
UNIT
14
14
20
14
14
14
14
PINS
PINS
PINS
PINS
PINS
PINS
PINS
RθJA
Junction-to-ambient thermal
86
80
76
113
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics, TA = 25°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2 V
1.9
1.998
IOH = –20 μA
4.5 V
4.4
4.499
VOH
VI = VIH or VIL
6 V
5.9
5.999
V
IOH = –4 mA
4.5 V
3.98
4.3
IOH = –5.2 mA
6 V
5.48
5.8
2 V
0.002
0.1
IOL = 20 μA
4.5 V
0.001
0.1
VOL
VI = VIH or VIL
6 V
0.001
0.1
V
IOL = 4 mA
4.5 V
0.17
0.26
IOL = 5.2 mA
6 V
0.15
0.26
II
VI = VCC or 0
6 V
±0.1
±100
nA
ICC
VI = VCC or 0
IO = 0
6 V
8
µA
2 V to
Ci
3
10
pF
6 V
7.6 Electrical Characteristics, TA = –55°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted)
Recommended
SN54HC164
SN74HC164
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
2 V
1.9
1.9
IOH = –20 μA
4.5 V
4.4
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.9
V
IOH = –4 mA
4.5 V
3.7
3.7
IOH = –5.2 mA
6 V
5.2
5.2
2 V
0.1
0.1
IOL = 20 μA
4.5 V
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.1
0.1
V
IOL = 4 mA
4.5 V
0.4
0.4
IOL = 5.2 mA
6 V
0.4
0.4
II
VI = VCC or 0
6 V
±1000
±1000
nA
ICC
VI = VCC or 0
IO = 0
6 V
160
160
µA
2 V to
Ci
10
10
pF
6 V
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54HC164 SN74HC164


同様の部品番号 - SN74HC164DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC164DR TI-SN74HC164DR Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164DR TI-SN74HC164DR Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164DR TI-SN74HC164DR Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164DR TI-SN74HC164DR Datasheet
116Kb / 7P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164DR TI-SN74HC164DR Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

同様の説明 - SN74HC164DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com