データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC193NE4 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC193NE4
部品情報  4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC193NE4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74HC193NE4 Datasheet HTML 3Page - Texas Instruments SN74HC193NE4 Datasheet HTML 4Page - Texas Instruments SN74HC193NE4 Datasheet HTML 5Page - Texas Instruments SN74HC193NE4 Datasheet HTML 6Page - Texas Instruments SN74HC193NE4 Datasheet HTML 7Page - Texas Instruments SN74HC193NE4 Datasheet HTML 8Page - Texas Instruments SN74HC193NE4 Datasheet HTML 9Page - Texas Instruments SN74HC193NE4 Datasheet HTML 10Page - Texas Instruments SN74HC193NE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN54HC193, SN74HC193
4BIT SYNCHRONOUS UP/DOWN COUNTERS
(DUAL CLOCK WITH CLEAR)
SCLS122D − DECEMBER 1982 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC193
SN74HC193
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
4.2
8
2.8
3.3
fmax
4.5 V
21
55
14
17
MHz
fmax
6 V
24
60
16
19
MHz
2 V
75
165
250
205
UP
CO
4.5 V
24
33
50
41
UP
CO
6 V
20
28
43
35
2 V
75
165
250
205
DOWN
BO
4.5 V
24
33
50
41
tpd
DOWN
BO
6 V
20
28
43
35
ns
tpd
2 V
190
250
375
315
ns
UP or DOWN
Any Q
4.5 V
40
50
75
63
UP or DOWN
Any Q
6 V
35
43
64
54
2 V
190
260
390
325
LOAD
Any Q
4.5 V
40
52
78
65
LOAD
Any Q
6 V
35
44
66
55
2 V
170
240
360
300
tPHL
CLR
Any Q
4.5 V
36
48
72
60
ns
tPHL
CLR
Any Q
6 V
31
41
61
51
ns
2 V
38
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF


同様の部品番号 - SN74HC193NE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC193NE4 TI-SN74HC193NE4 Datasheet
483Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results

同様の説明 - SN74HC193NE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS193 AEROFLEX-UT54ACS193 Datasheet
260Kb / 10P
   Synchronous 4-Bit Up-Down Dual Clock Counters
logo
Texas Instruments
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com