データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC244DWRE4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC244DWRE4
部品情報  Octal Buffers and Line Drivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244DWRE4 データシート(HTML) 5 Page - Texas Instruments

  SN74HC244DWRE4 Datasheet HTML 1Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 2Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 3Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 4Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 5Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 6Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 7Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 8Page - Texas Instruments SN74HC244DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
SN54HC244, SN74HC244
www.ti.com
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN54HC244, SN74HC244
UNIT
DB (SSOP)
DW (SOIC)
N (PDIP)
NS (SOP)
PW (TSSOP)
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance
89.5
76.8
44.9
71.9
97.5
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
50.9
42.2
30.9
38.2
32.6
°C/W
RθJB
Junction-to-board thermal resistance
44.6
44.6
25.8
39.3
48.4
°C/W
ψJT
Junction-to-top characterization
parameter
17
15.6
16.4
14.9
1.7
°C/W
ψJB
Junction-to-board characterization
parameter
44.2
44.1
25.7
39
47.9
°C/W
6.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –6 mA, VCC = 4.5 V
3.98
4.3
IOH = –7.8 mA, VCC = 6 V
5.48
5.8
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 6 mA, VCC = 4.5 V
0.17
0.26
IOL = 7.8 mA, VCC = 6 V
0.15
0.26
II
VI = VCC or 0, VCC = 6 V
±0.1
±100
nA
IOZ
VO = VCC or 0, VI = VIH or VIL, VCC = 6 V
±0.01
±0.5
µA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
8
µA
Ci
VCC = 2 V to 6 V
3
10
pF
6.6 Electrical Characteristics – SN54HC244
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
V
VCC = 4.5 V
4.4
VCC = 6 V
5.9
IOH = –6 mA, VCC = 4.5 V
3.7
IOH = –7.8 mA, VCC = 6 V
5.2
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.1
V
VCC = 4.5 V
0.1
VCC = 6 V
0.1
IOL = 6 mA, VCC = 4.5 V
0.4
IOL = 7.8 mA, VCC = 6 V
0.4
II
VI = VCC or 0, VCC = 6 V
±1000
nA
IOZ
VO = VCC or 0, VI = VIH or VIL, VCC = 6 V
±10
µA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
160
µA
Ci
VCC = 2 V to 6 V
10
pF


同様の部品番号 - SN74HC244DWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC244DWRE4 TI-SN74HC244DWRE4 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244DWRE4 TI-SN74HC244DWRE4 Datasheet
717Kb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244DWRE4 TI1-SN74HC244DWRE4 Datasheet
1Mb / 32P
[Old version datasheet]   Octal Buffers and Line Drivers With 3-State Outputs
More results

同様の説明 - SN74HC244DWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com