データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2619 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM2619
部品情報  500-mA Sub-Miniature Step-Down DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2619 データシート(HTML) 6 Page - Texas Instruments

Back Button LM2619_15 Datasheet HTML 2Page - Texas Instruments LM2619_15 Datasheet HTML 3Page - Texas Instruments LM2619_15 Datasheet HTML 4Page - Texas Instruments LM2619_15 Datasheet HTML 5Page - Texas Instruments LM2619_15 Datasheet HTML 6Page - Texas Instruments LM2619_15 Datasheet HTML 7Page - Texas Instruments LM2619_15 Datasheet HTML 8Page - Texas Instruments LM2619_15 Datasheet HTML 9Page - Texas Instruments LM2619_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
70
75
80
85
90
95
100
0
50 100 150 200 250 300 350 400 450
OUTPUT CURRENT (mA)
SYNC = VIN
VOUT = 3.6V
D1 = MBRM120
VIN = 3.9V
VIN = 5.5V
VIN = 4.2V
70
75
80
85
90
95
100
0
50 100 150 200 250 300 350 400 450
OUTPUT CURRENT (mA)
SYNC = VIN
VOUT = 3.6V
VIN = 5.5V
VIN = 4.2V
VIN = 3.9V
40
50
60
70
80
90
100
0
50 100 150 200 250 300 350 400 450
OUTPUT CURRENT (mA)
SYNC = VIN
VOUT = 1.5V
D1 = MBRM120
VIN = 2.8V
VIN = 4.2V
VIN = 3.6V
VIN = 5.5V
40
50
60
70
80
90
100
0
50 100 150 200 250 300 350 400 450
OUTPUT CURRENT (mA)
SYNC = VIN
VOUT = 1.5V
VIN = 3.6V
VIN = 4.2V
VIN = 2.8V
VIN = 5.5V
LM2619
SNVS212B – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
LM2619ATL, Circuit of Figure 3, VIN = 3.6V, TA = 25°C, unless otherwise noted.
Efficiency vs Output Current
Efficiency vs Output Current
(VOUT = 1.5V, PWM MODE)
(VOUT = 1.5V, PWM MODE, with Diode)
Figure 16.
Figure 17.
Efficiency vs Output Current
Efficiency vs Output Current
(VOUT = 3.6V, PWM MODE)
(VOUT = 3.6V, PWM MODE, with Diode)
(Circuit in Figure 20)
(Circuit in Figure 20)
Figure 18.
Figure 19.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2619


同様の部品番号 - LM2619_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATL NSC-LM2619ATL Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATLX NSC-LM2619ATLX Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATLX NSC-LM2619ATLX Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
More results

同様の説明 - LM2619_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
ON Semiconductor
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Texas Instruments
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com