データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2704 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2704
部品情報  LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2704 データシート(HTML) 8 Page - Texas Instruments

Back Button LM2704 Datasheet HTML 4Page - Texas Instruments LM2704 Datasheet HTML 5Page - Texas Instruments LM2704 Datasheet HTML 6Page - Texas Instruments LM2704 Datasheet HTML 7Page - Texas Instruments LM2704 Datasheet HTML 8Page - Texas Instruments LM2704 Datasheet HTML 9Page - Texas Instruments LM2704 Datasheet HTML 10Page - Texas Instruments LM2704 Datasheet HTML 11Page - Texas Instruments LM2704 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2704
SNVS175D – FEBRUARY 2002 – REVISED MAY 2013
www.ti.com
OPERATION
Figure 2. LM2704 Block Diagram
VOUT = 20V, VIN = 2.5V
1) VSW, 20V/div, DC
2) Inductor Current, 500mA/div, DC
3) VOUT, 100mV/div, AC
T = 10µs/div
Figure 3. Typical Switching Waveform
The LM2704 features a constant off-time control scheme. Operation can be best understood by referring to
Figure 2 and Figure 3. Transistors Q1 and Q2 and resistors R3 and R4 of Figure 2 form a bandgap reference
used to control the output voltage. When the voltage at the FB pin is less than 1.237V, the Enable Comp in
Figure 2 enables the device and the NMOS switch is turned on pulling the SW pin to ground. When the NMOS
switch is on, current begins to flow through inductor L while the load current is supplied by the output capacitor
COUT. Once the current in the inductor reaches the peak current limit, the CL Comp trips and the 400ns One Shot
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2704


同様の部品番号 - LM2704

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
National Semiconductor ...
LM2704-ADJMWC NSC-LM2704-ADJMWC Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704MF-ADJ NSC-LM2704MF-ADJ Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704MFX-ADJ NSC-LM2704MFX-ADJ Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
More results

同様の説明 - LM2704

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
[Old version datasheet]   LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
[Old version datasheet]   LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com